データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5367ACPZ-R7

  • AI
    ## Technical Overview of the ADL5367ACPZ-R7 The **ADL5367ACPZ-R7** is a high-performance, high-linearity **Passive Mixer** designed by Analog Devices. It is specifically engineered for cellular base station receivers, covering a broad frequency range with integrated LO (Local Oscillator) buffers and baluns. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 500 MHz to 1700 MHz | | **LO Frequency Range** | 300 MHz to 1500 MHz | | **IF Frequency Range** | 30 MHz to 450 MHz | | **Power Conversion Loss** | ~6.7 dB | | **Input IP3 (Third-Order Intercept)** | +34 dBm | | **Noise Figure** | 7.5 dB | | **Package Type** | 20-lead LFCSP (4mm x 4mm) | | **Operating Voltage** | 3.3V to 5V | --- ### 2. Internal Architecture & Components The ADL5367 is more than just a simple mixer diode; it is a highly integrated IC containing several electronic sub-systems: * **Integrated LO Buffer:** This allows the device to operate with low LO drive levels (typically 0 dBm), reducing the complexity of the external oscillator circuit. * **RF and LO Baluns:** Internal baluns allow for single-ended 50Ω inputs, eliminating the need for external transformers and saving PCB space. * **Passive Mixer Core:** Uses an advanced silicon-on-insulator (SOI) process to achieve high linearity and low noise without the DC power consumption of active mixers. * **Bias Control:** The device includes internal biasing circuitry that ensures stable performance across a wide temperature range (-40°C to +85°C). --- ### 3. Application Use Cases This part is primarily used in high-demand RF environments where signal integrity is critical: 1. **Cellular Base Stations:** Used in 2G/3G/4G/LTE receivers for down-conversion. 2. **Radio Link Down-converters:** Converting high-frequency radio signals to manageable intermediate frequencies. 3. **Instrumentation:** High-end signal analyzers and measurement equipment. 4. **Military & Aerospace:** Robust communication systems requiring high dynamic range. --- ### 4. Implementation Example (Simplified Pinout) ```c // Note: This is a conceptual representation of critical pins Pin 1-4: NC (No Connect) Pin 5: LOIN (Local Oscillator Input) Pin 10: RFIN (Radio Frequency Input) Pin 14: IFOUT (Intermediate Frequency Output) Pin 18: VCC (Power Supply) Pin 21: Exposed Pad (Must be grounded for thermal/electrical performance) ```
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a passive mixer like ADL5367 over an active mixer?
    • ⤷ How does the 'R7' suffix affect the ordering and packaging of this part?
    • ⤷ What external matching components are typically required for the IF output?