データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5380ACPZ-R7

  • AI
    ## ADL5380ACPZ-R7 Overview The **ADL5380ACPZ-R7** is an integrated circuit from **Analog Devices (ADI)**. Its part number breaks down as follows: | Part Number Segment | Meaning | |---|---| | **ADL5380** | Product family/model number | | **A** | Grade or revision | | **CP** | Package code (LFCSP, a leadless chip-scale package) | | **Z** | RoHS-compliant (lead-free) | | **-R7** | Tape and reel packaging (7-inch reel) | > **Note:** I'm working from general knowledge of this part family. Confirm exact specifications, pinout, and package dimensions in the official Analog Devices datasheet before designing with it. --- ## Functional Description The ADL5380 is a **high-linearity RF mixer** designed for wideband RF/IF frequency conversion in communications equipment. It is typically used in: - Cellular base stations - Wireless infrastructure - Microwave radio links - Test and measurement equipment --- ## Main Electronic Parts / Functional Blocks ### 1. RF Input Port - Accepts the incoming radio-frequency signal. - Usually requires an external matching network (inductors, capacitors) to match the impedance (commonly 50 Ω). ### 2. LO (Local Oscillator) Input Port - Receives the reference signal from a local oscillator. - Drives the internal switching core of the mixer. - Requires a stable, clean LO signal with a defined power level. ### 3. IF (Intermediate Frequency) Output Port - Outputs the difference (or sum) frequency product of the RF and LO signals. - Requires an external matching network or transformer/balun for the next stage. ### 4. Internal Mixer Core - A **double-balanced** mixing structure, which suppresses unwanted signals such as LO feedthrough. - Built from transistors that act as switches or multipliers, driven by the LO. ### 5. Bias and Supply Circuitry - Internal regulators and bias networks set the operating current. - Requires a stable DC supply with proper decoupling capacitors placed close to the supply pins. ### 6. Ground and Thermal Pad - The **exposed pad** on the bottom of the LFCSP package is the main ground and heat path. - It must be soldered to a large copper ground plane with multiple thermal vias. --- ## Typical External Components | Component | Purpose | |---|---| | Decoupling capacitors (e.g., 100 pF, 1 nF, 10 µF) | Filter power supply noise | | Matching inductors and capacitors | Impedance matching at RF, LO, and IF ports | | Balun or transformer (optional) | Convert single-ended to differential signals | | Bias resistors | Set internal operating conditions if required | | Blocking/DC capacitors | Isolate DC from RF signal paths | --- ## Design Tips 1. **Follow the reference design** in the datasheet for component values and layout. 2. **Keep RF traces short** and use controlled-impedance (50 Ω) microstrip. 3. **Use a solid ground plane** and place many vias under the exposed pad. 4. **Decouple each supply pin** with capacitors placed as close as possible. 5. **Maintain LO power** within the specified range to avoid degraded linearity or conversion loss. ---
    ✨ Follow-up Questions
    • ⤷What is the frequency range and typical conversion gain of the ADL5380?
    • ⤷ How do I design the matching network for the RF and LO ports of the ADL5380?
    • ⤷ What is the difference between an active and passive mixer like the ADL5380?