ADL5385ACPZ-R2
AI

## Overview of ADL5385ACPZ-R2
The **ADL5385ACPZ-R2** is a high-performance, broadband quadrature modulator designed by Analog Devices. It is primarily used to convert baseband (I and Q) signals directly to radio frequency (RF) signals, covering a wide frequency range.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **RF Output Frequency Range** | 30 MHz to 2200 MHz |
| **Input Interface** | Differential I and Q inputs |
| **Output Power** | +11 dBm (at 900 MHz) |
| **Noise Floor** | -160 dBm/Hz |
| **Sideband Suppression** | -46 dBc (at 900 MHz) |
| **Carrier Feedthrough** | -38 dBm (at 900 MHz) |
| **Supply Voltage** | 4.75 V to 5.25 V |
| **Package Type** | 24-lead LFCSP (4mm x 4mm) |
---
### Key Internal Electronic Parts
The device integrates several critical components on a single silicon chip to achieve high precision:
1. **Phase Shifter:** A 2×fLO local oscillator (LO) divider or a polyphase network that generates precise 90° phase-shifted signals for the quadrature modulation.
2. **Double-Balanced Mixers:** Two independent mixers process the In-phase (I) and Quadrature (Q) channels. The double-balanced architecture helps suppress the carrier and minimize harmonics.
3. **Summing Amplifier:** This internal stage combines the outputs of the I and Q mixers into a single RF output signal.
4. **Bias Circuitry:** Internal voltage regulators and bias generators ensure the transistors operate within their linear regions, providing stability over temperature and supply voltage fluctuations.
---
### Application Circuit Example
When integrating this part into a circuit, developers typically use a differential input configuration. Below is a conceptual representation of the pin connections:
```markdown
Pin Layout Mapping:
- Pin 1-4: VCC (Power Supply)
- Pin 6, 7: Q-Input (Differential)
- Pin 10, 11: I-Input (Differential)
- Pin 16, 17: LO-Input (Local Oscillator)
- Pin 20: RF-Output
- Pin 25 (Exposed Pad): Ground (GND)
```
---
### Typical Applications
* **Cellular Base Stations:** W-CDMA, CDMA2000, and LTE.
* **Broadband Wireless Access:** Point-to-multipoint systems.
* **Radio Links:** Microwave radio architectures.
* **Instrumentation:** Signal generators and modulation analyzers.
- ⤷What are the specific thermal management requirements for the 24-lead LFCSP package?
- ⤷ How does the LO drive level affect the Sideband Suppression performance?
- ⤷ Can you provide a comparison between ADL5385 and ADL5375?