データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5521ACPZ-R7

  • AI
    ### Technical Overview: ADL5521ACPZ-R7 The **ADL5521ACPZ-R7** is a high-performance, GaAs (Gallium Arsenide) pHEMT, low noise amplifier (LNA) designed for high-linearity applications. It is manufactured by Analog Devices and is optimized for use in the 400 MHz to 4000 MHz frequency range. --- ### Key Specifications The following table summarizes the primary electrical characteristics of the ADL5521ACPZ-R7: | Parameter | Specification (Typical @ 900 MHz) | | :--- | :--- | | **Frequency Range** | 400 MHz to 4.0 GHz | | **Noise Figure (NF)** | 0.8 dB | | **Gain** | 20.8 dB | | **OIP3 (Output IP3)** | 37.0 dBm | | **P1dB** | 21.8 dBm | | **Supply Voltage** | 3.0 V to 5.0 V | | **Supply Current** | 60 mA | | **Package** | 8-lead LFCSP (3mm x 3mm) | --- ### Internal Functional Blocks The device integrates several critical components within its small footprint to ensure stability and performance: 1. **GaAs pHEMT Core:** The heart of the chip, providing the high gain and low noise figure required for sensitive receivers. 2. **Active Bias Control:** Internal circuitry that maintains stable operation across temperature fluctuations and supply voltage variations. 3. **ESD Protection:** Integrated protection on input/output ports to prevent damage during handling or assembly. 4. **Matching Network Support:** While the device requires some external components for specific frequency tuning, it is designed for simplified 50 $\Omega$ integration. --- ### Application Usage The ADL5521 is commonly found in the "front-end" of radio frequency (RF) systems where signal integrity is paramount. * **Wireless Infrastructure:** Base stations (LTE, TD-SCDMA, W-CDMA). * **Buffer Amplifiers:** Used to isolate sensitive signal stages. * **General Purpose Wireless:** Any system requiring low noise amplification between 400 MHz and 4 GHz. --- ### Implementation Considerations When designing a PCB with the ADL5521, engineers must follow specific layout guidelines to maintain RF performance: * **Thermal Management:** The exposed pad on the bottom of the LFCSP package must be soldered to a low-impedance ground plane to dissipate heat. * **Decoupling:** High-frequency capacitors should be placed as close as possible to the $V_{POS}$ pin to filter power supply noise. * **Input Matching:** While broadband, peak performance at a specific frequency (e.g., 2.1 GHz) requires specific external inductor/capacitor (LC) values as defined in the datasheet. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific external components required for impedance matching at 2.4 GHz?
    • ⤷ How does the ADL5521 compare to the ADL5523 in terms of power consumption and noise?
    • ⤷ What is the significance of the 'R7' suffix in the part number?