データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5535ARKZ-R7

  • AI
    The **ADL5535ARKZ-R7** is a high-performance, linear broadband Gain Block amplifier designed by Analog Devices. It is widely used in wireless infrastructure and high-frequency communication systems due to its excellent linearity and low noise figure. --- ## 1. Technical Specifications The following table summarizes the primary electronic characteristics of the ADL5535ARKZ-R7: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 20 MHz to 1.0 GHz | | **Fixed Gain** | 16.1 dB | | **Output IP3 (OIP3)** | 45.4 dBm (at 190 MHz) | | **Noise Figure (NF)** | 3.2 dB | | **P1dB (Compression Point)** | 18.9 dBm | | **Operating Voltage** | 5 V | | **Supply Current** | 97 mA | | **Package / Case** | SOT-89-3 | --- ## 2. Key Electronic Components & Internal Architecture Internally, the ADL5535 is more than just a simple transistor; it is a Monolithic Microwave Integrated Circuit (MMIC). ### A. Internal Matching Circuitry Unlike discrete transistors that require complex external impedance matching, the ADL5535 is **internally matched to 50 $\Omega$**. This simplifies the PCB design and reduces the bill of materials (BOM). ### B. High Linearity Core The device utilizes a high-linearity GaAs (Gallium Arsenide) process. This allows it to handle signals with high Peak-to-Average Power Ratios (PAPR) without significant distortion, making it ideal for modern modulation schemes like QAM. ### C. Bias Circuitry The chip includes internal active biasing to ensure that the performance remains stable across temperature fluctuations and process variations. --- ## 3. Standard Application Circuit To integrate this part into an electronic system, several passive peripheral components are required: ```mermaid graph LR Input[RF Input] --> C1[DC Block Cap] C1 --> IC[ADL5535] IC --> C2[DC Block Cap] C2 --> Output[RF Output] IC --- L1[Bias Tee Inductor] L1 --- VCC[+5V Supply] ``` 1. **DC Blocking Capacitors (C1, C2):** Required at the input and output pins because the RF traces carry a DC bias internally. 2. **Inductor (Choke):** Used to feed the 5V DC supply into the output pin (standard for gain blocks) while preventing RF energy from leaking into the power supply. --- ## 4. Common Applications * **Base Stations:** Used in the transmit and receive chains of cellular infrastructures. * **CATV:** Broad frequency response makes it suitable for cable television distribution. * **IF Amplification:** Often used as an Intermediate Frequency (IF) amplifier in radio receivers. * **General Purpose Wireless:** Any 50 $\Omega$ system requiring a stable 16 dB gain boost.
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the SOT-89 package in this amplifier?
    • ⤷ How does the gain flatness of the ADL5535 behave across its frequency range?
    • ⤷ Can the ADL5535 be used effectively at frequencies above 1.0 GHz?