データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5590ACPZ-R7

  • AI
    ## Overview of ADL5590ACPZ-R7 The **ADL5590ACPZ-R7** is a high-performance integrated circuit manufactured by Analog Devices. It is specifically a **Quadrature Modulator** designed for use in high-frequency wireless infrastructure and communication systems. --- ### Core Technical Specifications The following table outlines the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Type** | Quadrature Modulator | | **Frequency Range** | 700 MHz to 2700 MHz | | **Supply Voltage** | 4.75 V to 5.25 V | | **Output IP3** | +25.5 dBm @ 2140 MHz | | **Noise Floor** | -160 dBm/Hz | | **Package / Case** | 24-WFQFN, Exposed Pad (LFCSP) | | **Mounting Type** | Surface Mount | --- ### Key Features and Functionality The ADL5590 serves as a critical bridge in the RF signal chain, converting baseband or intermediate frequency (IF) signals up to radio frequencies (RF). 1. **Direct Conversion Architecture:** It allows for direct modulation of baseband signals to RF, reducing the need for multiple mixing stages and filters. 2. **Phase and Amplitude Balance:** It provides exceptional quadrature phase accuracy and amplitude balance, which is essential for high-order modulation schemes like QAM. 3. **Low Noise Floor:** The -160 dBm/Hz noise floor ensures high signal-to-noise ratios (SNR), which is vital for maintaining data integrity in cellular base stations. 4. **Integrated LO Buffer:** It includes an internal Local Oscillator (LO) buffer, which reduces the drive requirements for external frequency synthesizers. --- ### Internal Block Diagram Structure While encapsulated in a small LFCSP package, the internal circuitry consists of several functional blocks: * **I/Q Baseband Inputs:** Differential inputs for the In-phase (I) and Quadrature (Q) signals. * **Phase Shifter:** A 90-degree splitter for the LO signal to create the quadrature components. * **Mixer Core:** Double-balanced mixers that multiply the I/Q signals with the LO. * **Summing Amplifier:** Combines the mixer outputs into a single-ended or differential RF output. --- ### Common Applications * **Cellular Base Stations:** W-CDMA, CDMA2000, LTE, and GSM. * **Broadband Wireless Access:** Point-to-multipoint microwave links. * **Radio Resource Management:** Instrumentation and signal generators. * **Military Communication:** High-fidelity secure radio links.
    ✨ Follow-up Questions
    • ⤷ What are the layout requirements for the LFCSP package to ensure thermal stability?
    • ⤷ How does the ADL5590 compare to the ADL5375 in terms of frequency range?
    • ⤷ What external components are required for the I/Q input interface?