データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5605ACPZ-R7

  • AI
    The **ADL5605ACPZ-R7** is a high-performance, two-stage Radio Frequency (RF) driver amplifier designed by Analog Devices. It is specifically engineered for use in wireless infrastructure and high-linearity applications. ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 700 MHz to 1000 MHz | | **Gain** | ~23 dB (at 943 MHz) | | **OIP3** | +44.3 dBm (Output Third-Order Intercept) | | **P1dB** | +31.1 dBm (Output 1 dB Compression Point) | | **Supply Voltage** | 5.0 V | | **Supply Current** | ~314 mA | | **Package** | 16-lead LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The ADL5605 operates as a **two-stage gain block**. This architecture allows it to provide high gain while maintaining exceptional linearity, which is critical for modern communication standards. * **Internal Matching:** The device features internal 50 $\Omega$ matching at the input and output. This simplifies the PCB design significantly, as few external components are required. * **Thermal Management:** The 16-lead LFCSP package includes an exposed thermal pad. Because the device draws significant current (~314 mA), this pad must be soldered to a low-impedance ground plane to dissipate heat. * **Fast Settling Power-Down:** It includes a power-down pin (PWDN) that allows the device to be disabled when not in use, reducing overall system power consumption. --- ### 3. Common Applications Due to its high output power and linearity, the ADL5605 is typically found in: 1. **Wireless Infrastructure:** Used in cellular base station transceivers (GSM, EDGE, W-CDMA, LTE). 2. **Driver Amplifiers:** Serving as the stage before a high-power amplifier (HPA). 3. **Radio Links:** Point-to-point or point-to-multipoint radio systems. 4. **Instrumentation:** RF signal generators and analyzers operating in the sub-1GHz band. --- ### 4. Typical Application Circuit When designing with this part, the external circuitry is minimal. A standard implementation requires: * **Decoupling Capacitors:** Placed close to the $V_{CC}$ pins to filter power supply noise. * **DC Blocking Capacitors:** Though internally matched, DC blocks are often added to the RF input and output paths to prevent DC bias from affecting other stages. * **Thermal Vias:** A grid of vias under the chip to conduct heat to the bottom PCB layers. ---
    ✨ Follow-up Questions
    • ⤷What are the specific requirements for the power-down (PWDN) pin logic levels?
    • ⤷ How does the gain of the ADL5605 vary across its specified frequency range?
    • ⤷ What are the recommended thermal relief strategies for the LFCSP package?