データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5606ACPZ-R7

  • AI
    The **ADL5606ACPZ-R7** is a high-performance, broadband RF driver amplifier manufactured by Analog Devices. It is designed to provide high linearity and power efficiency for a variety of wireless infrastructure applications. --- ### ## Technical Specifications Overview The following table summarizes the primary electrical characteristics of the ADL5606: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 1800 MHz to 2700 MHz | | **Gain (at 2140 MHz)** | 24.3 dB | | **Output P1dB** | 30.7 dBm (approx. 1.1 Watts) | | **OIP3 (Output IP3)** | 45.3 dBm | | **Supply Voltage** | 5.0 V | | **Supply Current** | 362 mA | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | --- ### ### Key Electronic Features 1. **Fixed Gain Performance:** The device operates as a fixed-gain amplifier. This simplifies the design process as it reduces the need for external feedback components while maintaining stability across its specified frequency band. 2. **Internal Matching:** The ADL5606 features internal matching to $50 \Omega$ at its input and output. This minimizes the requirement for complex external tuning networks, though external DC blocking capacitors and an inductor (RF choke) are required for the power supply bias. 3. **High Linearity (OIP3):** With an Output Third-Order Intercept Point (OIP3) of 45.3 dBm, this part is ideal for signals with high Peak-to-Average Power Ratios (PAPR), such as W-CDMA and LTE, ensuring minimal signal distortion. 4. **Fast Enable/Disable:** The chip includes a power-down pin (LE). When pulled high, it enters a low-current standby mode, making it suitable for Time Division Duplex (TDD) systems where the amplifier needs to be switched off rapidly during receive cycles. --- ### ### Typical Application Circuit When integrating this part into a PCB, the basic connectivity follows this logic: ```markdown VCC (5V) ----> Inductor (RF Choke) ----> RFOUT Pin Input Signal ----> DC Blocking Cap ----> RFIN Pin GND Pin ----> Solid Ground Plane EN/LE Pin ----> Logic High (Off) / Logic Low (On) ``` ### ### Targeted Applications * **Wireless Infrastructure:** Base station power amplifiers (PA) and driver stages. * **Industrial/Automated:** Automated Test Equipment (ATE) and instrumentation. * **ISM Band:** Applications operating in the 2.4 GHz band (Wi-Fi, Bluetooth, Zigbee) that require higher power output. ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the LFCSP package at 1.1W output?
    • ⤷ How does the gain flatness vary across the 1800 MHz to 2700 MHz range?
    • ⤷ What specific external components are required for the power supply decoupling of this chip?