データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5902ACPZ-R7

  • AI
    ## Technical Overview: ADL5902ACPZ-R7 The **ADL5902ACPZ-R7** is a high-performance, TruPwr™ RMS-responding power detector manufactured by Analog Devices. It is designed to provide an accurate measurement of the power level of high-frequency RF signals, regardless of the signal modulation or waveform (e.g., CDMA, W-CDMA, QAM). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | RMS Power Detector | | **Frequency Range** | 50 MHz to 9 GHz | | **Dynamic Range** | 65 dB | | **Accuracy** | ±1.0 dB (over temperature/frequency) | | **Response Time** | 125 ns (rise time) | | **Supply Voltage** | 4.5 V to 5.5 V | | **Package** | 16-lead LFCSP (3mm x 3mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Description The device converts an RF input signal into a linear-in-dB DC output voltage. Unlike simpler diode detectors, the ADL5902 uses a proprietary technique to calculate the "True RMS" value, making it ideal for modern complex modulation schemes. #### Major Components: * **Variable Attenuator:** Scales the input signal to stay within the detector's optimal range. * **Square-Law Detector:** Performs the core RMS calculation. * **Error Amplifier:** Compares the detected signal against a reference to generate the output voltage ($V_{OUT}$). * **Temperature Sensor:** Integrated circuitry compensates for thermal drift to maintain high precision. --- ### 3. Pin Configuration Summary The ADL5902ACPZ-R7 uses a Lead Frame Chip Scale Package (LFCSP). Key pins include: | Pin Name | Description | | :--- | :--- | | **RFIN** | RF input signal pin (requires DC blocking capacitor). | | **VOUT** | DC output voltage proportional to the RF input power (dB). | | **VSET** | Feedback input used to set the controller mode or measurement slope. | | **TADJ** | Temperature compensation adjustment pin. | | **PWDN** | Power-down pin to disable the device and save energy. | --- ### 4. Typical Applications The ADL5902 is widely used in telecommunications infrastructure where precise power monitoring is critical: * **Transmitter Power Monitoring:** Ensuring RF power amplifiers operate within legal and technical limits. * **Receiver Signal Strength Indication (RSSI):** Measuring incoming signal levels in base stations. * **VGA Control:** Providing feedback loops for Variable Gain Amplifiers. --- ### 5. Part Number Breakdown * **ADL5902**: Product base model. * **ACPZ**: Lead-free, plastic LFCSP package. * **R7**: Indicates a 7-inch reel (typically 1,500 units) for automated assembly.
    ✨ Follow-up Questions
    • ⤷ How does TruPwr technology differ from standard envelope detection?
    • ⤷ What are the requirements for the input matching network for this chip?
    • ⤷ Can the ADL5902 be used for peak-to-average ratio (PAPR) measurements?