データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL5906ACPZN-R7

  • AI
    ## Technical Overview: ADL5906ACPZN-R7 The **ADL5906ACPZN-R7** is a high-performance, TruPwr™ RMS-responding power detector manufactured by Analog Devices. It is designed to provide an accurate measurement of the power level of a radio frequency (RF) signal, regardless of the signal's modulation or complexity. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 10 MHz to 10 GHz | | **Dynamic Range** | 67 dB (at 2.14 GHz) | | **Supply Voltage** | 4.75 V to 5.25 V | | **Supply Current** | 68 mA (typical) | | **Response Time** | 185 ns (Rise time) | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | | **Temperature Range** | -40°C to +125°C | --- ### 2. Functional Description The ADL5906 is a logarithmic responding device that converts an RF input signal to a linear-in-dB DC output voltage. Unlike simpler diode detectors, this device measures the **RMS (Root Mean Square)** value, making it ideal for signals with high crest factors such as: * **W-CDMA** * **LTE** * **QAM** #### Main Features: * **Waveform Independence:** Accurately measures power regardless of modulation format. * **Temperature Stability:** Internal compensation circuitry ensures minimal drift over wide temperature ranges (typically ±1 dB). * **Flexible Interface:** Can be operated in "Measurement Mode" (standard power detection) or "Controller Mode" (used in Automatic Gain Control loops). --- ### 3. Application Use Cases This component is widely used in telecommunications and aerospace infrastructure: * **RF Power Amplifier Linearization:** Monitoring the output power to ensure the amplifier operates within its linear region. * **Transmitter Power Control:** Providing feedback for Automatic Gain Control (AGC) circuits. * **RSSI (Received Signal Strength Indicator):** Used in base stations and point-to-point radio systems. --- ### 4. Circuit Implementation Example In a standard measurement configuration, the RF signal is AC-coupled to the input pins. The output voltage ($V_{OUT}$) is proportional to the input power in dBm. ```c // Pseudo-formula for Output Calculation Vout = Slope * (Pin - Intercept) // Typical Values at 2.14 GHz: // Slope: 55 mV/dB // Intercept: -83 dBm ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RMS detector like the ADL5906 and a standard envelope detector?
    • ⤷ How is the ADL5906 configured to operate in Controller Mode?
    • ⤷ What are the PCB layout recommendations for the 10 GHz frequency range?