データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL6010ACPZN-R7

  • AI
    ### Overview of ADL6010ACPZN-R7 The **ADL6010ACPZN-R7** is a high-performance, fast-responding **Envelope Detector** (also known as a microwave power detector) designed by Analog Devices. It is specifically engineered to operate across a broad frequency range, making it ideal for high-frequency communication systems. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Envelope Detector / Power Detector | | **Frequency Range** | 500 MHz to 43.5 GHz | | **Input Range** | -30 dBm to +15 dBm | | **Response Time** | 8 ns (Rise Time) | | **Supply Voltage** | 4.75 V to 5.25 V | | **Output Type** | Linear Voltage Output | | **Package** | 6-lead LFCSP (2mm x 2mm) | --- ### Core Electronic Characteristics #### 1. Broadband Capability The device is unique because it maintains a flat response across an extremely wide spectrum (up to 43.5 GHz). This covers major bands including **Q-band**, **K-band**, and **Ka-band**, which are critical for satellite communications and 5G infrastructure. #### 2. Envelope Detection Unlike standard RMS power detectors that provide an average power level, an envelope detector like the ADL6010 tracks the "envelope" of the RF signal. - It converts the instantaneous high-frequency amplitude into a proportional DC voltage. - With an **8 ns rise time**, it is fast enough to track high-speed modulations. #### 3. Temperature Stability The internal architecture is designed to minimize "drift." This means the output voltage remains consistent even if the environmental temperature fluctuates, ensuring accurate power measurements in outdoor base stations. --- ### Typical Application Circuit In a standard electronic design, the ADL6010 is usually placed after a directional coupler to monitor the output power of a Power Amplifier (PA). ```mermaid graph LR A[RF Input] --> B[Directional Coupler] B --> C[ADL6010 Detector] C --> D[ADC / Microcontroller] B --> E[Antenna/Load] ``` ### Common Use Cases * **Point-to-Point Microwave Links:** Monitoring signal integrity in wireless backhaul. * **PA Linearization:** Providing feedback for Digital Pre-Distortion (DPD) systems. * **Radar Systems:** Pulse detection and power leveling. * **Instrumentation:** High-speed power measurement tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an envelope detector and an RMS detector in RF circuits?
    • ⤷ How does the 8 ns rise time benefit 5G signal processing?
    • ⤷ What are the PCB layout considerations for a 43.5 GHz component like this?