データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL6316ACCZ-R7

  • AI
    The **ADL6316ACCZ-R7** is a high-performance, variable gain transmit assembly specifically designed for wireless infrastructure and radio applications. It is manufactured by Analog Devices and integrates several RF functions into a single chip. --- ## 1. Core Specifications and Description The ADL6316 is a high-linearity, digitally controlled variable gain amplifier (VGA). It is primarily used in the transmit path to provide precise signal leveling and attenuation. | Parameter | Specification | | :--- | :--- | | **Component Type** | Variable Gain Amplifier (VGA) / Transmit DAC Buffer | | **Frequency Range** | 500 MHz to 1000 MHz | | **Interface** | SPI (Serial Port Interface) for digital control | | **Package** | 40-lead LFCSP (6mm x 6mm) | | **Operating Voltage** | 5V Analog / 1.8V Digital | | **Step Resolution** | 0.5 dB steps | --- ## 2. Key Internal Components The ADL6316 is more than a simple amplifier; it is a "sub-system" on a chip. It typically includes the following electronic sections: 1. **Voltage Variable Attenuator (VVA):** Allows for fine-tuning the signal strength via digital control. 2. **Fixed Gain Amplifiers:** Provides the necessary power boost to drive subsequent stages (like a Power Amplifier). 3. **Digital Control Logic:** An on-chip SPI bus that interprets 8-bit or 10-bit words to set the attenuation levels. 4. **Balun/Matching Networks:** Internal circuitry that handles impedance matching to maintain signal integrity over its frequency range. --- ## 3. Technical Features ### Linearity and Noise The device is optimized for high **OIP3** (Output Third-Order Intercept Point), which is critical for preventing signal distortion in complex modulation schemes like LTE or 5G. ### Gain Control Range It offers a wide dynamic range, usually around **31.5 dB**, allowing the system to compensate for temperature drifts or variations in input signal strength. ### Packaging (ACCZ-R7) * **ACCZ:** Indicates the package type (LFCSP) and lead-free status. * **R7:** Denotes the packaging format, specifically a **7-inch tape and reel** containing 750 or 1,500 units, intended for automated surface mount (SMT) assembly. --- ## 4. Application Circuit Example (Conceptual) Below is a simplified representation of how the ADL6316 interacts with a microcontroller via SPI: ```cpp // Conceptual SPI control for ADL6316 void setGain(uint8_t gainValue) { digitalWrite(CS_PIN, LOW); // Select ADL6316 SPI.transfer(0x00); // Address for Gain Control Register SPI.transfer(gainValue); // Write 8-bit attenuation value digitalWrite(CS_PIN, HIGH); // Deselect } ``` --- ## 5. Common Applications * **Cellular Base Stations:** (GSM, W-CDMA, LTE, 5G) * **Point-to-Point Radios:** Fixed wireless access. * **Military Communications:** Signal leveling in secure radio links. * **Test and Measurement:** Used in signal generators to provide precise output leveling.
    ✨ Follow-up Questions
    • ⤷ What is the exact OIP3 performance of the ADL6316 at 900 MHz?
    • ⤷ How does the SPI timing protocol work for this specific VGA?
    • ⤷ What are the power consumption characteristics in 'Power-Down' mode?