データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL8103ACPZN-R7

  • AI
    The **ADL8103ACPZN-R7** is a high-performance, Gallium Arsenide (GaAs), Monolithic Microwave Integrated Circuit (MMIC), Pseudomorphic High Electron Mobility Transistor (pHEMT), Low Noise Amplifier (LNA). It is designed by Analog Devices for high-frequency telecommunications and instrumentation applications. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADL8103: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Frequency Range** | 10 MHz to 6 GHz | Wideband performance | | **Gain** | 15.5 dB | Flat response across frequency | | **Noise Figure** | 1.1 dB | Measured at 1 GHz | | **Output P1dB** | 18 dBm | 1 dB Compression Point | | **Output IP3** | 32 dBm | High linearity | | **Supply Voltage** | 3V to 5V | Single positive supply | | **Supply Current** | 75 mA | Adjustable via external resistor | --- ## 2. Functional Electronic Components The ADL8103 is more than just a transistor; it is an integrated circuit containing several sub-blocks: ### A. GaAs pHEMT Technology The core of the device is a Gallium Arsenide pHEMT. GaAs is superior to standard Silicon for RF applications because it offers higher electron mobility, leading to lower noise figures and better performance at gigahertz frequencies. ### B. Internal Matching Networks Unlike discrete transistors that require complex external LC (Inductor-Capacitor) circuits to match 50 $\Omega$ impedance, the ADL8103 features **internal input and output matching**. This simplifies PCB design and reduces the total bill of materials (BOM). ### C. Active Bias Control The device includes internal circuitry to stabilize the quiescent current against temperature fluctuations. However, it allows for an external resistor to set the specific current level, giving the engineer control over power consumption versus linearity. --- ## 3. Package and Pin Configuration The "ACPZN" suffix refers to its physical housing and material composition: * **Package Type:** LFCSP (Lead Frame Chip Scale Package). * **Size:** 3mm x 3mm. * **Pin Count:** 8-Lead. * **Thermal Management:** Features an exposed pad on the bottom which must be soldered to the PCB ground plane to dissipate heat efficiently. --- ## 4. Typical Application Circuitry To operate the ADL8103, a few external passive components are required: 1. **AC Coupling Capacitors:** Required at the RF input and output to block DC voltage, as the internal gates/drains are biased. 2. **Inductor (Choke):** Used on the $V_{DD}$ line to provide DC power while preventing RF signals from leaking into the power supply. 3. **Decoupling Capacitors:** Small (pF) and large ($\mu$F) capacitors placed near the $V_{DD}$ pin to filter high-frequency noise and provide local energy storage. --- ## 5. Usage Summary | Feature | Benefit | | :--- | :--- | | **Low Noise Figure** | Ideal for the first stage of a receiver to maximize sensitivity. | | **High IP3** | Reduces distortion in environments with strong interfering signals. | | **Wideband** | Can be used in multiple bands (LTE, Wi-Fi, SatCom) with one chip. |
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for the thermal pad layout on the PCB for this LNA?
    • ⤷ How does changing the supply current affect the Noise Figure vs. OIP3 performance?
    • ⤷ Can this LNA be used in a 75 ohm system
    • ⤷ or is it strictly 50 ohm?