データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADL8142ACPZN-R7

  • AI
    ## Overview of ADL8142ACPZN-R7 The **ADL8142ACPZN-R7** is a high-performance, gallium arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT), low noise amplifier (LNA). It is designed by Analog Devices to operate across a broad frequency range, primarily targeting microwave and radar applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2 GHz to 18 GHz | | **Gain** | 27 dB (Typical) | | **Noise Figure** | 1.6 dB | | **Output P1dB** | 18 dBm | | **Supply Voltage ($V_{DD}$)** | 2.0 V to 4.0 V | | **Supply Current ($I_{DQ}$)** | 25 mA to 75 mA (Adjustable) | | **Package Type** | 6-lead LFCSP (2mm x 2mm) | --- ### Core Electronic Components & Architecture The internal architecture of the ADL8142 utilizes specialized semiconductor technologies to achieve high sensitivity and low distortion: 1. **GaAs pHEMT Technology**: Gallium Arsenide (GaAs) allows for higher electron mobility compared to standard silicon. The "pseudomorphic" aspect refers to the thin layers of different materials used to create a high-speed conduction channel, which is essential for low noise at high frequencies (up to 18 GHz). 2. **Integrated Input/Output Matching**: The device is internally matched to **50 $\Omega$**. This simplifies RF design because it eliminates the need for complex external impedance matching networks, saving PCB space and reducing signal loss. 3. **Adjustable Bias Control**: The amplifier allows for an adjustable quiescent current ($I_{DQ}$). By varying the voltage on the gate pin ($V_{GG}$), engineers can optimize the trade-off between power consumption and linearity (Output IP3). --- ### Pin Configuration Summary | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | RFOUT | RF Output (AC coupled) | | 2, 5 | VDD | Drain Supply Voltage | | 3 | NC | No internal connection | | 4 | RFIN | RF Input (AC coupled) | | 6 | VGG | Gate Bias Control | | Paddle | GND | Exposed Pad must be connected to Ground | --- ### Applications * **Military & Aerospace:** Precision radar systems and electronic warfare (EW). * **Test Equipment:** Wideband signal analyzers and microwave instrumentation. * **Communication:** Point-to-point and point-to-multipoint radios. ---
    ✨ Follow-up Questions
    • ⤷ How does the noise figure of the ADL8142 change across its 2-18 GHz frequency range?
    • ⤷ What are the recommended external bypass capacitors for the VDD line in this specific LNA?
    • ⤷ Can the ADL8142 be used in a self-biased configuration?