データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM1175-2ARMZ-R7

  • AI
    ## ADM1175-2ARMZ-R7: Technical Overview The **ADM1175-2ARMZ-R7** is a compact, hot-swap controller and digital power monitor manufactured by Analog Devices. It is primarily used to manage power rails, protecting delicate circuitry during board insertion and providing real-time telemetry via an I2C interface. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Hot Swap Controller & Digital Power Monitor | | **Input Voltage Range** | 3.15 V to 16.5 V | | **ADC Resolution** | 12-bit (Current and Voltage monitoring) | | **Interface** | I2C / SMBus compatible | | **Package** | 10-lead MSOP (Micro Small Outline Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Components The device integrates several critical electronic subsystems into a single chip: #### A. Hot Swap Control The device controls an external N-channel MOSFET. When a board is plugged into a live backplane, the ADM1175 limits the **inrush current** by controlling the gate voltage of the MOSFET, preventing voltage sags and component damage. #### B. Precision Current Sensing It measures current by monitoring the voltage drop across an external **sense resistor**. The internal 12-bit Analog-to-Digital Converter (ADC) digitizes this value for the host system. #### C. Power Monitoring (Digital Telemetry) Through the I2C bus, the system microcontroller can read: * **V_SENSE:** The current flowing through the rail. * **V_IN:** The voltage level of the power rail. #### D. Protection Features * **Overcurrent Protection:** If the current exceeds a programmed threshold, the device shuts down the MOSFET. * **Circuit Breaker Function:** Provides a timed response to overcurrent events to prevent nuisance tripping during short transients. --- ### 3. Application Circuit Example In a typical setup, the ADM1175 sits between the power source and the load. ```c // Pseudo-logic for reading data via I2C void read_power_data() { uint16_t voltage_raw = i2c_read(ADM1175_ADDR, VOLTAGE_REG); uint16_t current_raw = i2c_read(ADM1175_ADDR, CURRENT_REG); float voltage = voltage_raw * VOLTAGE_CONVERSION_FACTOR; float current = (current_raw * SENSE_RESISTOR_VALUE) / GAIN; printf("Rail Power: %f Watts\n", voltage * current); } ``` --- ### 4. Typical Applications * **Server Backplanes:** Managing power for line cards. * **Telecommunications:** Protection for high-availability hardware. * **Industrial Modules:** Monitoring power consumption in automated systems. * **Storage Systems (SAN/NAS):** Ensuring safe drive replacement while powered.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the sense resistor value for a specific current limit?
    • ⤷ What is the difference between the ADM1175 and ADM1177 models?
    • ⤷ How does the 'ON' pin function in a manual shutdown scenario?