データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM1266ACPZ-R7

  • AI
    ## ADM1266ACPZ-R7: Comprehensive Electronic Overview The **ADM1266ACPZ-R7** is a highly integrated, programmable Super Sequencer® and system health monitor developed by Analog Devices. It is designed to manage complex power supply systems in high-reliability environments such as telecommunications, data centers, and industrial servers. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.0V to 15V | | **Number of Inputs** | 17 (Monitoring/Sequencing) | | **Number of Outputs** | 9 (Drivers for Enable/Reset) | | **Communication** | I2C / PMBus interface | | **ADC Resolution** | 12-bit (for voltage/current monitoring) | | **Operating Temp** | -40°C to +85°C | | **Package** | 40-Lead LFCSP (6mm x 6mm) | --- ### 2. Functional Blocks and Features The ADM1266 acts as the "brain" of a power system, ensuring that multiple voltage rails turn on and off in the correct order and operate within safe limits. #### A. Power Supply Sequencing * **Programmable State Machine:** Users can define complex power-up and power-down sequences without writing code, using a graphical configuration tool. * **Closed-loop Margining:** It can adjust the output voltage of DC-DC converters via a dedicated DAC to test system stability. #### B. Monitoring & Protection * **Voltage Monitoring:** 17 input pins can monitor supply rails for Overvoltage (OV) or Undervoltage (UV) conditions. * **Fault Logging:** Includes non-volatile memory (Black Box) to record system status and telemetry data when a power failure occurs. #### C. Scalability * **Multi-Device Synchronization:** Multiple ADM1266 units can be cascaded using a 2-wire synchronization bus to manage systems with more than 17 rails. --- ### 3. Pin Configuration Categories | Pin Type | Description | | :--- | :--- | | **VH1 to VH4** | High voltage inputs (up to 15V) for monitoring. | | **VP1 to VP13** | Standard voltage monitoring inputs. | | **PDO1 to PDO9** | Programmable Driver Outputs used to enable/disable regulators. | | **SCL/SDA** | I2C/PMBus clock and data lines for configuration and telemetry. | | **REGOUT** | Internal regulator output for decoupling. | --- ### 4. Application Circuit Example In a typical application, the ADM1266 is placed between the main power source and several Point-of-Load (POL) regulators (like buck converters). ```mermaid graph LR A[Main 12V Supply] --> ADM[ADM1266] ADM -->|Enable 1| B[CPU Core Rail] ADM -->|Enable 2| C[DDR Memory Rail] ADM -->|Enable 3| D[I/O Rail] B -->|Sense| ADM C -->|Sense| ADM D -->|Sense| ADM ``` --- ### 5. Benefits of Using ADM1266 1. **Reduced PCB Space:** Replaces dozens of discrete comparators, timers, and logic gates. 2. **Reliability:** Hardware-based state machine is more reliable than software-based sequencing in a microcontroller. 3. **Diagnosis:** The fault logging feature significantly reduces "Return Merchandise Authorization" (RMA) analysis time.
    ✨ Follow-up Questions
    • ⤷How does the ADM1266 handle cascading multiple devices for more than 17 rails?
    • ⤷ What software tool is used to program the ADM1266 state machine?
    • ⤷ How does the 'Black Box' fault logging work during a total power loss?