データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM1275-3ACPZ-R7

  • AI
    The **ADM1275-3ACPZ-R7** is a high-performance, integrated hot-swap controller and digital power monitor manufactured by Analog Devices. It is designed to manage power rails in high-reliability systems, such as servers and network switches. --- ### 1. Core Technical Specifications Below are the primary electrical characteristics of the ADM1275-3ACPZ-R7: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2 V to 20 V | | **Interface** | PMBus / I2C (up to 400 kHz) | | **ADC Resolution** | 12-bit (Voltage and Current) | | **Package** | 20-lead LFCSP (4mm x 4mm) | | **Operating Temp** | -40°C to +85°C | | **Monitoring Features** | Current, Voltage, and Power | --- ### 2. Key Functional Blocks The device integrates several critical electronic functions into a single chip: #### A. Hot-Swap Controller This part manages the "in-rush" current when a circuit board is plugged into a live backplane. It uses an external N-channel MOSFET to: * Slowly ramp up the voltage to prevent sparks or system resets. * Provide a **Circuit Breaker** function to shut down if a short circuit occurs. #### B. Digital Power Monitoring The chip contains a high-speed, 12-bit Analog-to-Digital Converter (ADC). It measures: 1. **Current:** Via the voltage drop across a sense resistor. 2. **Input Voltage:** To ensure the supply is within limits. 3. **Power:** By multiplying voltage and current internally. #### C. PMBus Interface The device communicates with the system's micro-controller or BMC via PMBus. This allows the system to: * Read real-time power consumption data. * Set fault thresholds (Over-current, Under-voltage). * Retrieve "Black Box" data after a power failure. --- ### 3. Application Circuit Example A typical implementation requires a few external components to function correctly: ```cpp // Logic flow for ADM1275 Power-Up 1. VCC applied -> Device initializes internal logic. 2. UVLO/OVLO pins -> Check if input voltage is safe. 3. GATE pin -> Ramps external MOSFET to control inrush. 4. SENSE pins -> Continuous monitoring of Load Current. 5. PMBus Alert -> Signal Host if a threshold is exceeded. ``` --- ### 4. Summary of Benefits * **Protection:** Prevents damage to downstream components during power surges. * **Precision:** 12-bit ADC provides highly accurate telemetry for energy billing or thermal management. * **Space Saving:** The LFCSP package integrates functions that would otherwise require multiple discrete components.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADM1275-1 and the ADM1275-3 variants?
    • ⤷ How do you calculate the sense resistor value for this specific IC?
    • ⤷ Can this part be used in 48V telecom applications?