データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM1815-R22ART-RL7

  • AI
    The **ADM1815-R22ART-RL7** is a voltage monitoring and supervisory integrated circuit (IC) manufactured by Analog Devices. It is primarily used to monitor power supply levels in microprocessor systems and provide a reset signal to ensure the system starts or restarts under stable power conditions. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Threshold Voltage** | 2.18V (Typical) | | **Reset Type** | Active Low, Push-Pull Output | | **Supply Voltage Range** | 1.0V to 5.5V | | **Reset Timeout Period** | 150 ms (Minimum) | | **Operating Temperature** | -40°C to +105°C | | **Package Type** | SOT-23-3 (3-lead Small Outline Transistor) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Functional Components The internal architecture of the ADM1815 consists of several critical electronic blocks: 1. **Precision Voltage Reference:** A stable internal reference used to compare against the $V_{CC}$ input. 2. **Comparator:** Continuously checks if the supply voltage ($V_{CC}$) is above or below the set threshold ($2.18V$). 3. **Delay Circuit (Timer):** Once the voltage rises above the threshold, this circuit keeps the reset signal active for an additional **150ms** to allow the power supply to stabilize. 4. **Push-Pull Output Stage:** Unlike open-drain outputs, this does not require an external pull-up resistor to drive the reset line high. --- ### 3. Part Number Breakdown Understanding the suffix codes helps in identifying specific features: * **ADM1815:** The base series (Microprocessor Supervisory Circuit). * **R22:** Indicates the threshold voltage level (approx. 2.18V to 2.2V). * **ART:** Specifies the package type (SOT-23). * **RL7:** Indicates "Reel 7," referring to the tape and reel packaging for automated assembly. --- ### 4. Typical Application Diagram In a standard circuit, the ADM1815 is placed between the power rail and the Microcontroller (MCU). ```mermaid graph LR VCC(Power Rail 2.5V) --- VCC_Pin[ADM1815 VCC] GND(Ground) --- GND_Pin[ADM1815 GND] Reset_Pin[ADM1815 RESET] --- MCU_Reset[MCU Reset Pin] ``` --- ### 5. Main Use Cases * **Microprocessor Systems:** To prevent erratic operation during power-up or "brown-out" (voltage dip) conditions. * **Intelligent Instruments:** Ensuring sensors and processors synchronize after a power glitch. * **Portable Equipment:** Battery-powered devices that need to shut down safely when the battery is low.
    ✨ Follow-up Questions
    • ⤷ How does the push-pull output differ from an open-drain output in this application?
    • ⤷ What is the behavior of the reset pin during a brown-out condition?
    • ⤷ Can the ADM1815 be used with a 5V logic system?