データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM1817-R22ART-RL

  • AI
    ## Technical Overview of ADM1817-R22ART-RL The **ADM1817-R22ART-RL** is a high-precision voltage monitoring device (Reset IC) manufactured by Analog Devices. It is specifically designed to monitor power supplies in microprocessor-based systems, providing a reset signal when power fluctuations occur. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Threshold Voltage ($V_{TH}$)** | 2.18V (Standard for 2.5V nominal supplies) | | **Output Type** | Push-Pull (Active High) | | **Reset Timeout Period** | 150 ms (typical) | | **Supply Voltage Range** | 1.0V to 5.5V | | **Package Type** | SOT-23 (3-lead) | | **Operating Temperature** | -40°C to +105°C | --- ### 2. Functional Description The device serves as a "watchdog" for the system's power rail. Its primary functions include: 1. **Power-On Reset (POR):** When the system is first powered up, the IC keeps the Reset pin high for approximately 150ms after the voltage crosses the threshold. This ensures the processor has a stable clock before starting. 2. **Brownout Protection:** If the supply voltage drops below the 2.18V threshold during operation, the IC immediately pulls the Reset pin high to prevent the processor from executing corrupted instructions. 3. **Hysteresis:** It includes internal hysteresis to prevent "chattering" (rapid switching) if the power supply is noisy or hovering exactly at the threshold voltage. --- ### 3. Pin Configuration The SOT-23 package consists of three pins: * **Pin 1 (RESET):** Output signal. It remains HIGH when the supply is below the threshold and for the duration of the reset timeout. * **Pin 2 ($V_{CC}$):** The input supply being monitored. * **Pin 3 (GND):** Ground reference. --- ### 4. Part Number Breakdown (Suffix Deciphering) The specific suffix `R22ART-RL` provides critical ordering information: * **R22:** Indicates a **2.18V** threshold voltage. * **ART:** Specifies the **SOT-23** package type. * **RL:** Indicates **Tape and Reel** packaging for automated assembly. --- ### 5. Application Example Below is a conceptual representation of how the device is integrated into a circuit: ```c // Pseudo-logic for the Reset IC behavior if (Vcc < 2.18V) { RESET_PIN = HIGH; // Processor is held in reset state } else { wait(150ms); // Stabilization delay RESET_PIN = LOW; // Processor starts execution } ```
    ✨ Follow-up Questions
    • What is the difference between active-high and active-low reset signals in this series?
    • Are there versions of this IC with different threshold voltages?
    • Can this IC be used with a 3.3V power rail?