データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM3062EARMZ-R7

  • AI
    ## ADM3062EARMZ-R7: Technical Overview The **ADM3062EARMZ-R7** is a high-performance, robust RS-485 transceiver manufactured by **Analog Devices**. It is designed for high-speed, bidirectional data communication on multipoint bus transmission lines. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Protocol** | RS-485 / RS-422 | | **Data Rate** | Up to 500 kbps | | **Supply Voltage** | 3.0 V to 5.5 V | | **ESD Protection** | ±12 kV (IEC 61000-4-2) Contact Discharge | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Duplex** | Half Duplex | --- ### 2. Core Functional Components The internal architecture consists of several critical electronic sections: 1. **Differential Driver:** Converts standard TTL/CMOS logic levels into differential signals. This reduces electromagnetic interference (EMI) and improves noise immunity over long distances. 2. **Differential Receiver:** Features a high input impedance, allowing up to 128 nodes on a single bus. It interprets the differential voltage from the bus back into a digital signal. 3. **VIO Logic Supply Pin:** This specific model includes a $V_{IO}$ pin, allowing the device to interface with low-voltage FPGAs and microprocessors (down to 1.62 V) without external level shifters. 4. **Protection Circuitry:** * **Thermal Shutdown:** Protects the chip from damage due to excessive power dissipation. * **Glitch-Free Power-up/down:** Ensures no erroneous data is sent to the bus during power transitions. --- ### 3. Application Use Cases The ADM3062 series is typically found in industrial environments where reliability and electrical noise resistance are paramount: * **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to sensors and actuators. * **Process Control:** Long-distance data links in factories. * **Building Automation:** HVAC systems and lighting control (DALI/BACnet). * **Motor Control:** Feedback loops in harsh electrical environments. --- ### 4. Typical Connection Diagram (Simplified) ```markdown [MCU/UART] [ADM3062] [RS-485 BUS] TXD ---------------> DI (Driver In) ----> A (+) RXD <--------------- RO (Receiver Out) <--- B (-) CTRL --------------> DE/RE (Enable Pins) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between half-duplex and full-duplex in RS-485 transceivers?
    • ⤷ How does the VIO pin simplify level shifting in low-voltage systems?
    • ⤷ What are the recommended termination resistor values for this chip?