データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM3063EARZ-R7

  • AI
    ## Technical Overview: ADM3063EARZ-R7 The **ADM3063EARZ-R7** is a high-performance, robust RS-485/RS-422 transceiver manufactured by **Analog Devices**. It is designed for bidirectional data communication on multipoint bus transmission lines in harsh environments. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Data Rate** | Up to 50 Mbps (High Speed) | | **Supply Voltage** | 3.0 V to 5.5 V | | **ESD Protection** | ±12 kV IEC 61000-4-2 (Contact/Air) | | **Operating Temperature** | -40°C to +125°C | | **Bus Nodes** | Connect up to 128 nodes on a single bus | | **Package Type** | 8-Lead SOIC_N (Small Outline Integrated Circuit) | | **Packaging** | Tape and Reel (R7 suffix) | --- ### 2. Functional Components The internal architecture of the ADM3063EARZ-R7 consists of three primary electronic blocks: 1. **The Driver (Transmitter):** * Converts TTL/CMOS logic signals into differential RS-485 signals. * Features **short-circuit protection** to prevent damage if the bus lines are shorted to power or ground. * Includes a **driver-enable (DE)** pin to allow for half-duplex operation. 2. **The Receiver:** * Features a **Full Fail-Safe** design. This ensures the receiver output (RO) remains in a known "high" state if the inputs are open, shorted, or idle. * Provides high input impedance to allow many devices on the same line. 3. **Protection Circuitry:** * **Thermal Shutdown:** If the internal temperature exceeds safe limits, the driver is disabled. * **Enhanced ESD:** Protects the sensitive internal silicon from static discharge during handling or field operation. --- ### 3. Application Use Cases This component is commonly found in industrial and automation sectors due to its high speed and reliability: * **Industrial Fieldbus:** Modbus, PROFIBUS, and other serial protocols. * **Motor Control:** Feedback loops in servo drives and CNC machinery. * **Smart Grids:** Communication between meters and substations. * **Building Automation:** HVAC controls and security systems. --- ### 4. Pin Configuration (8-Lead SOIC) | Pin | Mnemonic | Function | | :--- | :--- | :--- | | 1 | **RO** | Receiver Output | | 2 | **RE\*** | Receiver Enable (Active Low) | | 3 | **DE** | Driver Enable (Active High) | | 4 | **DI** | Driver Input (Data to be sent) | | 5 | **GND** | Ground | | 6 | **A** | Non-inverting Driver Output/Receiver Input | | 7 | **B** | Inverting Driver Output/Receiver Input | | 8 | **VCC** | Power Supply (3.0V - 5.5V) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADM3063 and the ADM3061 in terms of data rate?
    • ⤷ How does the 'Full Fail-Safe' feature prevent data errors?
    • ⤷ Can this chip be used in full-duplex communication
    • ⤷ or is it strictly half-duplex?