データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM3065EARMZ-R7

  • AI
    The **ADM3065EARMZ-R7** is a high-performance, robust RS-485 transceiver manufactured by Analog Devices. It is designed for high-speed, bidirectional data communication over long distances in harsh industrial environments. --- ## 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the ADM3065EARMZ-R7: | Feature | Specification | | :--- | :--- | | **Data Rate** | Up to 50 Mbps (High Speed) | | **Supply Voltage (Vcc)** | 3.0 V to 5.5 V | | **Protocol** | RS-485 / RS-422 | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | MSOP (8-Lead) | | **ESD Protection** | ±12 kV IEC 61000-4-2 (Contact/Air) | | **Nodes on Bus** | Up to 128 nodes | --- ## 2. Core Functional Components The internal architecture consists of several critical stages: ### Driver and Receiver * **Differential Driver:** Converts TTL/CMOS logic signals into differential signals for the A and B bus lines. It features high output drive capability to maintain signal integrity over long cables. * **Receiver:** Includes a "Fail-safe" feature that ensures a logic high state if the inputs are open, shorted, or idle. ### Protection Circuitry * **ESD Protection:** The pins are hardened against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). * **Thermal Shutdown:** Protects the chip from damage caused by excessive power dissipation or bus contention by disabling the driver. --- ## 3. Typical Application Schematic Below is a simplified representation of how the part is integrated into a system: ```cpp // Logic-Side Connections Pin 1 (RO) -> MCU UART RX (Receiver Output) Pin 2 (RE') -> MCU GPIO (Receiver Enable, Active Low) Pin 3 (DE) -> MCU GPIO (Driver Enable, Active High) Pin 4 (DI) -> MCU UART TX (Driver Input) // Bus-Side Connections Pin 5 (GND) -> System Ground Pin 6 (A) -> RS-485 Bus Line A (Non-inverting) Pin 7 (B) -> RS-485 Bus Line B (Inverting) Pin 8 (VCC) -> 3.3V or 5V Supply ``` --- ## 4. Notable Advantages * **High Speed:** At 50 Mbps, it is ideal for motion control and high-speed data acquisition where traditional 1 Mbps transceivers are too slow. * **Wide Voltage Range:** Compatible with both 3.3V and 5V logic systems, removing the need for level shifters. * **Robustness:** The extended temperature range (up to 125°C) makes it suitable for automotive and heavy industrial applications.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADM3065 and the ADM3061 versions?
    • ⤷ How does the 'fail-safe' mechanism work during a short circuit?
    • ⤷ What are the recommended termination resistor values for a 50 Mbps bus?