データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM6346-41ARTZ-R7

  • AI
    The **ADM6346-41ARTZ-R7** is a precision voltage monitoring device manufactured by Analog Devices. It is primarily used as a microprocessor supervisory circuit to monitor power supply voltage levels and provide a reset signal to a system processor when the voltage falls below a specific threshold. --- ### 1. Key Technical Specifications The part number itself contains specific configuration details: | Parameter | Value / Description | |:---|:---| | **Threshold Voltage** | 4.1V (indicated by the "-41") | | **Reset Type** | Active-Low, Push-Pull | | **Package** | SOT-23 (indicated by "ARTZ") | | **Operating Voltage Range** | 1.0V to 5.5V | | **Supply Current** | Typ. 0.7 µA (Ultra-low power) | | **Reset Timeout** | Min 100ms (typically 150ms to 200ms) | --- ### 2. Functional Components The internal circuitry consists of several critical electronic blocks: 1. **Precision Voltage Reference:** A stable internal reference used to compare against the $V_{CC}$ pin. 2. **Comparator:** Monitors the input voltage. It has built-in hysteresis to prevent "chattering" (rapid switching) when the voltage is near the threshold. 3. **Delay Circuit:** Once the voltage rises above the threshold, this timer ensures the RESET signal remains active for a set duration (100ms+) to allow the system clock and power to stabilize. 4. **Output Driver:** A Push-Pull stage that eliminates the need for an external pull-up resistor, simplifying the PCB design. --- ### 3. Application Circuit Example In a typical application, the device is placed between the power source and the MCU. ```c // Connection Logic: [Power Rail (5V)] ----> [VCC Pin (ADM6346)] [GND] ----> [GND Pin (ADM6346)] [RESET Pin] ----> [MCU RESET Input] ``` --- ### 4. Benefits of Use * **Reliability:** Ensures the processor does not start executing code during "brown-out" conditions where the voltage is too low for logic gates to operate reliably. * **Space Saving:** The SOT-23 package is extremely small, suitable for mobile and compact electronics. * **Battery Life:** Because the current draw is less than 1 µA, it is ideal for battery-powered devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Push-Pull and Open-Drain reset outputs?
    • ⤷ How does hysteresis prevent false triggers in voltage monitors?
    • ⤷ Can the ADM6346 be used for 3.3V logic systems?