データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM6348-44ARTZ-R7

  • AI
    ## Technical Overview: ADM6348-44ARTZ-R7 The **ADM6348-44ARTZ-R7** is a high-precision, low-power **Microprocessor Supervisory Circuit** manufactured by Analog Devices. It is primarily designed to monitor power supply voltages in microprocessor-based systems and provide a reset signal when the voltage falls below a specific threshold. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Reset Threshold** | 4.38V (Nominal) | | **Supply Current** | 7 µA (Typical) | | **Output Stage** | Open-Drain (Active-Low) | | **Package Type** | SOT-23-3 (Surface Mount) | | **Operating Temperature** | -40°C to +85°C | | **Reset Timeout Period** | 100 ms (Minimum) | --- ### Core Electronic Functions #### 1. Voltage Monitoring The device continuously monitors the $V_{CC}$ pin. The "-44" suffix indicates a fixed threshold of **4.38V**. If the input voltage drops below this point (a "brownout" condition), the device triggers a system reset to prevent the processor from executing corrupted code. #### 2. Reset Assertion (Active-Low) The output ($\overline{\text{RESET}}$) is an **Open-Drain** configuration. * **Logic Low:** Asserted when $V_{CC}$ is below the threshold or during the timeout period. * **Logic High:** Requires an external pull-up resistor to define the high-level voltage. #### 3. Power-On Reset (POR) When the system is first powered up, the device keeps the $\overline{\text{RESET}}$ line low for at least **100 ms** after $V_{CC}$ rises above the threshold. This ensures the power supply has stabilized and the system clock has started before the microprocessor begins operation. --- ### Typical Application Circuit To use the ADM6348, you typically connect it as follows: ```mermaid graph LR VCC((VCC 5V)) --- VCC_Pin[ADM6348 VCC] VCC((VCC 5V)) --- Resistor[Pull-up Resistor] Resistor --- Reset_Pin[ADM6348 RESET Output] Reset_Pin --- MCU[Microcontroller Reset Pin] GND((GND)) --- GND_Pin[ADM6348 GND] ``` ### Advantages for Design * **Ultra-Low Power:** At 7 µA, it is ideal for battery-operated devices. * **Small Footprint:** The SOT-23 package saves significant PCB real estate. * **Reliability:** It eliminates the need for discrete RC reset circuits, which are often unreliable due to varying ramp-up times.
    ✨ Follow-up Questions
    • ⤷What is the purpose of the 100ms timeout period in this chip?
    • ⤷ Can I use this device with a 3.3V logic system?
    • ⤷ What value is typically recommended for the external pull-up resistor?