データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADM7154ACPZ-3.0-R7

  • AI
    ## Overview of ADM7154ACPZ-3.0-R7 The **ADM7154ACPZ-3.0-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) Linear Regulator (LDO). It is specifically designed to power noise-sensitive precision analog and mixed-signal circuits. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 3.0 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 600 mA | | **Noise Density** | 1.5 nV/√Hz above 100 kHz | | **RMS Noise** | 0.9 µV (100 Hz to 100 kHz) | | **PSRR** | >90 dB (1 kHz to 100 kHz); 58 dB (1 MHz) | | **Package** | 8-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Internal Components & Functions The device integrates several critical electronic structures to achieve its low-noise profile: 1. **Reference Generator:** Uses a proprietary architecture to provide a stable voltage with minimal thermal noise. 2. **Error Amplifier:** A high-gain amplifier that compares the feedback voltage against the reference to maintain a precise 3.0V output. 3. **Pass Transistor:** A P-channel MOSFET that regulates the current flow from input to output. 4. **Soft Start Circuitry:** Limits inrush current during startup to protect the load and the source. 5. **Protection Features:** * **Thermal Shutdown (TSD):** Shuts down the device if the junction temperature exceeds safety limits. * **Current Limit:** Protects the device against short circuits or excessive loads. --- ### Pin Configuration Summary | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | VOUT | Regulated 3.0V Output. | | 2 | VOUT | Regulated 3.0V Output (Connected to Pin 1). | | 3 | BYP | Bypass capacitor pin for noise reduction. | | 4 | GND | Ground. | | 5 | EN | Enable input (Drive high to turn on). | | 6 | VIN | Input Voltage Supply. | | 7 | VIN | Input Voltage Supply (Connected to Pin 6). | | 8 | REF_SENS | Reference Sense; connect to a capacitor to filter reference noise. | | EP | Exposed Pad | Must be soldered to GND for thermal dissipation. | --- ### Typical Applications * **ADC/DAC Powering:** Providing clean rails for high-resolution converters. * **RF Components:** Powering Phase-Locked Loops (PLLs) and Voltage-Controlled Oscillators (VCOs). * **Precision Instrumentation:** Where signal integrity is compromised by power supply ripples.
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor values for the VIN and VOUT pins?
    • ⤷ How does the noise performance of this LDO compare to the ADP7104 series?
    • ⤷ Can this LDO be used for applications requiring a 3.3V output?