データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADMV1010AEZ-R7

  • AI
    The **ADMV1010AEZ-R7** is a high-performance, GaAs (Gallium Arsenide), microwave Upconverter chip developed by Analog Devices. It is designed for point-to-point microwave radio designs and satellite communications. --- ### ## Technical Specifications Overview The following table summarizes the key electronic characteristics of the ADMV1010AEZ-R7: | Parameter | Specification | | :--- | :--- | | **RF Output Frequency Range** | 12.6 GHz to 15.4 GHz | | **IF Input Frequency Range** | DC to 3.5 GHz | | **Conversion Gain** | 15 dB (Typical) | | **Sideband Suppression** | 25 dBc | | **Output IP3** | 23 dBm | | **Supply Voltage** | 5.0 V | | **Package Type** | 32-terminal LGA (5mm x 5mm) | --- ### ### Key Electronic Components & Integration The ADMV1010AEZ-R7 is a highly integrated IC (Integrated Circuit). It combines several functional blocks into a single piece of silicon to reduce the overall Bill of Materials (BOM): 1. **I/Q Mixer:** It utilizes an In-phase/Quadrature mixer architecture. This allows for excellent image rejection without the need for complex external filtering. 2. **LO (Local Oscillator) Buffer:** The internal buffer reduces the drive requirement for the external local oscillator, making it easier to interface with frequency synthesizers. 3. **RF Output Amplifier:** A built-in driver amplifier boosts the signal to provide a high output compression point and gain. 4. **Quadrature Phase Shifter:** An internal 90° splitter ensures precise phase matching for the I and Q channels. --- ### ### Functional Block Diagram Logic The signal flow within the electronic part follows this logic: * **Input:** Differential IF (Intermediate Frequency) signals enter via I and Q ports. * **Mixing:** The LO signal is split into 0° and 90° components and mixed with the IF signals. * **Rejection:** The sideband signal is suppressed internally. * **Output:** The combined RF signal is amplified and sent to the output pin. --- ### ### Typical Application Circuitry When designing with this part, engineers typically include the following external components: ```c // Schematic Requirements: 1. Decoupling Capacitors: 100pF and 0.1uF on VCC pins to filter power supply noise. 2. DC Blocks: Required on RF and LO ports if DC offset is present. 3. Terminations: 50 Ohm matching on all high-frequency signal paths. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADMV1010 and ADMV1011?
    • ⤷ What is the recommended PCB layout strategy for the LGA-32 package?
    • ⤷ How does sideband suppression impact satellite communication quality?