データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADMV4420ACPZ-R2

  • AI
    ## ADMV4420ACPZ-R2: Product Overview The **ADMV4420ACPZ-R2** is a high-performance, highly integrated **K-band upconverter** designed by Analog Devices. It is primarily used in millimeter-wave (mmWave) communication systems to translate intermediate frequency (IF) signals up to radio frequency (RF) signals. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **RF Output Frequency Range** | 17.0 GHz to 24.0 GHz | | **IF Input Frequency Range** | 0.5 GHz to 3.0 GHz | | **LO Input Frequency Range** | 7.0 GHz to 12.0 GHz | | **Conversion Gain** | 12 dB (Typical) | | **Output P1dB** | 14 dBm | | **Package Type** | 24-terminal LGA (4mm x 4mm) | | **Supply Voltage** | 3.3 V | --- ### 2. Functional Architecture The ADMV4420 integrates several critical electronic components into a single silicon die to reduce system footprint and complexity: * **Integrated LO Doubler:** It features an internal Local Oscillator (LO) multiplier, allowing the user to provide a lower frequency LO (7-12 GHz) which the chip internally doubles to drive the mixer. * **Double Balanced Mixer:** Provides excellent carrier suppression and isolation between ports. * **Variable Gain Amplifier (VGA):** Allows for fine-tuning of the output power level via analog control. * **Programmable Bias:** Internal registers allow for optimization of power consumption versus linearity performance. --- ### 3. Application Areas This component is vital for modern high-bandwidth wireless infrastructures, specifically: 1. **5G Network Infrastructure:** Used in small cells and backhaul equipment. 2. **Satellite Communications (SATCOM):** Ideal for K-band ground terminals. 3. **Point-to-Point Microwave Links:** High-capacity data transmission for telecommunications. 4. **Radar Systems:** Marine and weather radar applications operating in the 17-24 GHz band. --- ### 4. Implementation Example (Basic Pin Logic) When designing a PCB for this part, the SPI interface is used for configuration. Below is a conceptual representation of how a microcontroller might interact with the ADMV4420 registers: ```cpp // Example: Simplified SPI Write to ADMV4420 void set_admv4420_gain(uint8_t gain_value) { digitalWrite(CS_PIN, LOW); // Enable Chip Select SPI.transfer(REG_GAIN_CTRL); // Address for Gain Control Register SPI.transfer(gain_value); // Set desired gain digitalWrite(CS_PIN, HIGH); // Disable Chip Select } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the ADMV4420ACPZ-R2?
    • ⤷ How does the sideband suppression performance compare to discrete mixers?
    • ⤷ Can this part be used as a downconverter in the same frequency range?