データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADN-111-R

  • AI
    The **ADN-111-R** is a specific electronic component primarily known as a **Non-Isolated Step-Down (Buck) DC-DC Converter Module**, commonly used in automotive and industrial applications to convert a higher voltage to a stable lower voltage. ### 1. Technical Specifications The following table highlights the typical electrical characteristics of the ADN-111-R: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 15V – 40V DC (supports 24V nominal) | | **Output Voltage** | 12V DC | | **Output Current** | 10A (Maximum) | | **Rated Power** | 120W | | **Conversion Efficiency** | >90% | | **Enclosure Rating** | IP68 (Waterproof/Dustproof) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Electronic Components & Internal Architecture The device is built using a "Buck Converter" topology. The main electronic internal parts include: * **Switching Regulator (IC):** The "brain" that uses Pulse Width Modulation (PWM) to control the energy flow. * **Power MOSFETs:** High-speed electronic switches that toggle the input voltage at high frequencies. * **Power Inductor:** Acts as the energy storage element to smooth out the current during the switching process. * **Schottky Diodes:** Used for rectification to prevent backflow and ensure unidirectional current. * **Electrolytic/Ceramic Capacitors:** Located at both input and output stages to filter noise and stabilize voltage ripple. --- ### 3. Built-in Protection Features The ADN-111-R is designed for high reliability in harsh environments. It includes several hardware-level protection circuits: 1. **Over-Current Protection (OCP):** Limits output current to prevent damage to the load. 2. **Over-Temperature Protection (OTP):** Automatically shuts down or reduces power if the internal heat sink exceeds safety limits. 3. **Short-Circuit Protection:** Instantaneous shutdown if the output leads are crossed. 4. **Anti-Shock/Vibration:** The internal circuitry is typically "potted" (filled with epoxy resin) to protect electronic parts from physical stress. --- ### 4. Wiring and Pinout The device usually features four color-coded wires: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | Input + | Connect to positive power source (e.g., 24V Battery) | | **Black (Input)** | Input - | Connect to source ground | | **Yellow** | Output + | Stable 12V output to the device | | **Black (Output)** | Output - | Output ground (often common with input ground) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum ripple voltage for the ADN-111-R?
    • ⤷ Can this module be used in parallel to increase current output?
    • ⤷ How does the IP68 rating affect its thermal dissipation?