データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADN-121-R

  • AI
    The **ADN-121-R** is a specific electronic component, primarily recognized as a **high-speed, high-performance optical receiver module** (often used in optical communication systems) or, in some industrial contexts, a specific series of **compact pneumatic cylinders** by Festo. Based on common electronic sourcing, this part typically refers to a specialized **Optical Receiver** or **RF/Microwave** component. Below is a breakdown of the electronic characteristics generally associated with this part number. --- ### 1. Technical Specifications The ADN-121-R is designed for high-frequency signal processing. Below are the typical parameters: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Optical Receiver / Transimpedance Amplifier (TIA) | | **Bandwidth** | High-frequency (typically 1.25 Gbps to 2.5 Gbps range) | | **Package Type** | Surface Mount (SMD) or Module-based | | **Supply Voltage** | Usually 3.3V or 5V DC | | **Interface** | Differential Output (LVPECL or CML) | | **Application** | Fiber Optic Links, SONET/SDH, Gigabit Ethernet | --- ### 2. Key Electronic Features * **High Sensitivity:** Designed to detect very low-power optical signals and convert them into measurable electrical voltages. * **Internal TIA (Transimpedance Amplifier):** It converts the current from a photodiode into a differential voltage output, minimizing noise. * **Automatic Gain Control (AGC):** Often includes circuitry to maintain a consistent output level regardless of the input signal strength. * **Wide Dynamic Range:** Capable of handling both weak and strong optical inputs without saturating the signal. --- ### 3. Pin Configuration & Integration While specific pinouts vary by manufacturer (such as Analog Devices or specialized telecomm brands), the integration usually follows this logic: 1. **Vcc/GND:** Power supply pins with heavy decoupling (capacitors) to filter high-frequency noise. 2. **Input:** Connection to the Photodiode (if not integrated). 3. **Differential Outputs (D+ / D-):** High-speed signal lines that must be routed with controlled impedance (usually 100Ω differential). 4. **RSSI (Received Signal Strength Indicator):** An analog voltage output proportional to the incoming light level. --- ### 4. Application Note: Industrial Variant If your "ADN-121-R" refers to a **Festo** component, it is a **Pneumatic Cylinder**. In that case, the "electronic parts" are limited to: * **Proximity Sensors:** Usually M8 or M12 magnetic reed switches or PNP/NPN sensors mounted on the rail to detect piston position. * **Solenoid Control:** Interface with a PLC (Programmable Logic Controller) using 24V DC signals. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the Analog Devices optical component or the Festo industrial cylinder?
    • ⤷ What is the specific voltage requirement for your circuit design?
    • ⤷ Do you need a circuit diagram for the differential output termination?