データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADN-122-R

  • AI
    The **ADN-122-R** is a specialized high-speed optoelectronic component, specifically a **Transimpedance Amplifier (TIA)** designed for optical communication systems. It is primarily used to convert the current signal from a photodiode into a usable voltage signal. --- ### ## Technical Overview The ADN-122-R is part of the Analog Devices (ADN) family, optimized for high sensitivity and low noise in fiber optic receivers. ### ### Key Specifications | Parameter | Description | | :--- | :--- | | **Data Rate** | Up to 155 Mbps (Optimized for OC-3/STM-1) | | **Supply Voltage** | +3.3V to +5.0V | | **Input Noise** | Low equivalent input noise current (typically < 40 nA) | | **Output Type** | Differential (to reduce EMI and common-mode noise) | | **Package** | Usually supplied as "Die" (bare chip) for TO-Can integration | --- ### ## Functional Components The internal architecture of the ADN-122-R consists of several critical stages: 1. **Input Stage:** A high-gain amplifier designed to interface directly with a PIN photodiode. It must have very low capacitance to maintain speed. 2. **Transimpedance Core:** The heart of the chip that performs the $I \to V$ (Current to Voltage) conversion. 3. **Automatic Gain Control (AGC):** This internal circuit adjusts the gain based on the strength of the incoming optical signal to prevent saturation during high-power input. 4. **Differential Driver:** Converts the single-ended signal into a differential output to drive the subsequent Limiting Amplifier (LA) or Clock and Data Recovery (CDR) unit. --- ### ## Common Applications * **FTTH (Fiber to the Home):** Used in Optical Network Units (ONUs). * **SONET/SDH:** Specifically for OC-3 and STM-1 standards. * **Industrial Links:** High-speed data isolation and communication in noisy environments. * **SFP Modules:** Integrated into Small Form-factor Pluggable transceivers. --- ### ## Schematic Integration Example When designing with the ADN-122-R, the typical layout looks like this: ```mermaid graph LR A[Photodiode] -- Current --> B[ADN-122-R TIA] B -- Differential Voltage --> C[Limiting Amplifier] C --> D[Data Output] ``` ---
    ✨ Follow-up Questions
    • What are the specific pinout requirements for integrating the ADN-122-R into a TO-can package?
    • How does the AGC circuit in the ADN-122-R handle high optical input power?
    • What are the primary differences between the ADN-122-R and a standard Limiting Amplifier?