データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADN4600ACPZ-R7

  • AI
    The **ADN4600ACPZ-R7** is a high-performance digital crosspoint switch manufactured by Analog Devices. It is designed for high-speed signal routing in communications, networking, and video systems. --- ## 1. Core Technical Specifications The ADN4600 is an $8 \times 8$ asynchronous digital crosspoint switch. Here are the primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Data Rate** | Up to 4.25 Gbps per channel | | **Configuration** | 8 inputs to 8 outputs (non-blocking) | | **Supply Voltage** | 3.3 V (nominal) | | **Interface** | $I^2C$ Control Port | | **Package** | 64-lead LFCSP (9mm x 9mm) | | **Power Consumption** | ~250 mW per channel | --- ## 2. Key Electronic Features ### A. Non-Blocking Architecture Any input can be routed to any output or multiple outputs (multicast). This allows for maximum flexibility in signal distribution without signal contention. ### B. Signal Integrity Features To maintain high-speed data integrity over long PCB traces, the part includes: * **Receive Equalization:** Compensates for inter-symbol interference (ISI) caused by transmission line losses. * **Programmable Output Pre-emphasis:** Boosts the high-frequency components of the signal to overcome downstream losses. * **Low Jitter:** Optimized for low additive deterministic and random jitter. ### C. Protocol Agnostic Because it is an asynchronous switch, it does not require an external clock to lock onto the data. It can handle various protocols including: * Fiber Channel (1x, 2x, 4x) * Gigabit Ethernet * PCIe Gen 1/2 * Digital Video (HDMI/DVI/DisplayPort) --- ## 3. Pinout and Connectivity Example The device utilizes Low Voltage Differential Signaling (LVDS) or Current Mode Logic (CML) levels for high-speed I/O. ```c /* Pseudocode representation of I2C configuration */ void setup_crosspoint() { // Address of ADN4600 int device_addr = 0x48; // Connect Input 0 to Output 4 i2c_write(device_addr, REG_OUT4_SELECT, 0x00); // Enable Pre-emphasis on Output 4 for long trace i2c_write(device_addr, REG_OUT4_PREEMPHASIS, 0x07); } ``` --- ## 4. Typical Applications 1. **Optical Networking:** Switching between high-speed SFP/SFP+ modules. 2. **Broadcast Video:** Routing SDI or HDMI signals in professional studio equipment. 3. **Backplane Management:** Redundant routing in high-availability servers. 4. **Test Equipment:** Automated signal switching in high-speed oscilloscopes or bit error rate testers (BERT). ---
    ✨ Follow-up Questions
    • ⤷ What are the power dissipation management strategies for the ADN4600?
    • ⤷ How does the ADN4600 compare to the ADN4604 in terms of bandwidth?
    • ⤷ Can the ADN4600 be used for DC-coupled applications?