データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP-SMAM-RPSF

  • AI
    The **ADP-SMAM-RPSF** is a specialized RF (Radio Frequency) coaxial adapter used to interface between two different connector standards: **SMA Male** and **RP-SMA Female**. --- ### 1. Breakdown of the Component Name To understand the part, it is essential to decode the acronym: | Part Segment | Meaning | Description | | :--- | :--- | :--- | | **ADP** | Adapter | A device used to connect two dissimilar connectors. | | **SMA** | SubMiniature version A | A standard threaded RF connector (50-ohm impedance). | | **M** | Male | Features a center pin and internal threads. | | **RP** | Reverse Polarity | A variation of the SMA connector where the interface gender is swapped. | | **SF** | SMA Female | Features a center socket (hole) and external threads. | --- ### 2. Technical Specifications While specific brands may vary slightly, standard ADP-SMAM-RPSF adapters typically share these electronic characteristics: * **Impedance:** 50 Ohms (Standard for RF communications). * **Frequency Range:** DC to 18 GHz (Though performance usually peaks below 6 GHz for standard Wi-Fi applications). * **VSWR (Voltage Standing Wave Ratio):** Typically $\leq 1.20:1$. * **Material Construction:** * **Body:** Gold-plated or Nickel-plated Brass. * **Insulator:** PTFE (Teflon). * **Center Contact:** Beryllium Copper (Gold plated for conductivity). --- ### 3. The "Reverse Polarity" Distinction This is the most critical electronic aspect of the part. In a standard SMA connector, the Male has a pin and the Female has a hole. In **RP-SMA (Reverse Polarity)**: * The **RP-SMA Female** has a **Center Pin** but **External Threads**. * The **SMA Male** has a **Center Pin** and **Internal Threads**. **Result:** This specific adapter (ADP-SMAM-RPSF) effectively allows you to connect a standard SMA cable to an RP-SMA device, maintaining a "pin-to-socket" connection through the internal bridge of the adapter. --- ### 4. Common Applications These adapters are primarily used in wireless networking environments: 1. **Wi-Fi Router Antennas:** Most consumer Wi-Fi gear uses RP-SMA. Professional-grade antennas or lab equipment often use standard SMA. 2. **SDR (Software Defined Radio):** Connecting external high-gain antennas to small USB dongles. 3. **FPV Drones:** Adapting video transmitter (VTX) outputs to different antenna types. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between SMA and RP-SMA in terms of signal loss?
    • ⤷ Can this adapter be used for 5G cellular frequencies?
    • ⤷ What are the mechanical torque requirements for tightening SMA connectors?