データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1050ACPZ-R7

  • AI
    ## ADP1050ACPZ-R7: Advanced Digital Controller The **ADP1050ACPZ-R7** is a high-performance digital power controller designed by Analog Devices. It is specifically engineered for isolated DC-to-DC power supplies and parallel power systems. Unlike traditional analog controllers, it uses digital logic to manage power conversion, providing high flexibility and precise control. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package / Case** | 20-LFCSP (4x4 mm) | | **Supply Voltage** | 3.3V (Typical) | | **Interface** | PMBus / I2C | | **PWM Outputs** | 6 Channels | | **Operating Temp** | -40°C to +125°C | | **ADC Resolution** | 12-bit | --- ### Core Electronic Components & Functions The device functions as a "system-on-chip" for power management, integrating several critical electronic sub-systems: #### 1. Digital Control Loop Instead of an error amplifier and compensation resistors/capacitors, the ADP1050 uses a **digital feedback loop**. * **ADC (Analog-to-Digital Converter):** Samples output voltage and current at high speeds. * **Digital Filter:** Implements high-speed PID (Proportional-Integral-Derivative) algorithms to maintain stability. #### 2. PMBus™ Interface The part communicates over an I2C-based **PMBus**. This allows engineers to: * Configure output voltage levels via software. * Monitor real-time telemetry (temperature, current, and voltage). * Set fault thresholds (Over-voltage, Over-current). #### 3. PWM (Pulse Width Modulation) Engine The chip features high-resolution PWM outputs (500 picosecond resolution). This is used to drive MOSFET gates (usually through a gate driver) to switch power efficiently. #### 4. Memory (EEPROM) It contains integrated non-volatile memory. This allows the controller to store its configuration settings so it can boot up and operate autonomously without a microcontroller being present at every start-up. --- ### Typical Application Circuit The ADP1050 is generally used in a **Full-Bridge** or **Half-Bridge** topology. ```mermaid graph LR A[Input DC] --> B[Transformer] B --> C[Rectifier] C --> D[Output DC] D -- Feedback --> E[ADP1050] E -- PWM Signals --> F[Gate Driver] F --> B ``` --- ### Pros and Cons * **Pros:** * Reduces component count (no external compensation components). * High efficiency across wide load ranges using adaptive dead-time control. * Programmable soft-start and sequencing. * **Cons:** * Higher complexity in software/firmware setup compared to simple analog chips. * Requires a programming tool for initial configuration.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using PMBus in power supplies?
    • ⤷ Can the ADP1050 be used for non-isolated buck converters?
    • ⤷ What software tools are used to program the ADP1050?