データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1074ARWZ-R7

  • AI
    The **ADP1074ARWZ-R7** is a high-performance, isolated synchronous flyback controller developed by Analog Devices. It is specifically designed for high-efficiency isolated DC-to-DC power supplies, commonly used in telecommunications and industrial applications. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Topology** | Flyback, Forward (Synchronous) | | **Input Voltage Range** | Up to 60V (VCC) | | **Output Voltage Control** | Isolated Feedback (iCoupler® Technology) | | **Switching Frequency** | 50 kHz to 600 kHz (Programmable) | | **Package** | 28-Lead SOIC (Wide Body) | | **Isolation Rating** | 5 kV rms | --- ## 2. Core Functional Blocks The ADP1074 is unique because it integrates several components that usually require external circuitry: ### A. Integrated iCoupler® Technology Unlike traditional controllers that require an **Optocoupler** and a **Shunt Regulator** (like the TL431) to send feedback across the isolation barrier, the ADP1074 uses proprietary magnetic isolation. This increases reliability and reduces board space. ### B. Synchronous Rectification (SR) The controller provides signals to drive MOSFETs on the secondary side. This replaces standard diodes, significantly reducing power loss and heat, which allows for higher efficiency in compact designs. ### C. Protection Features * **OCP (Over-Current Protection):** Primary and secondary side sensing. * **OVP (Over-Voltage Protection):** Ensures output stability. * **OTP (Over-Temperature Protection):** Thermal shutdown to prevent hardware failure. * **Soft Start:** Programmable start-up to prevent inrush current. --- ## 3. Pinout Configuration (Critical Pins) ```c // Example of key functional pins for the ADP1074 1. VCC // Input supply for the controller 2. FB // Feedback input for voltage regulation 3. SS // Soft start programming pin 4. GATEP // Primary side MOSFET gate drive 5. GATES // Secondary side (Synchronous) gate drive 6. COMP // Compensation network for loop stability ``` --- ## 4. Typical Applications The ADP1074 is generally found in environments requiring robust isolation and high density: * **PoE (Power over Ethernet):** Powered devices requiring isolated 5V or 12V rails. * **Telecom Power:** High-efficiency 48V to intermediate bus conversion. * **Industrial Controls:** Isolated power for sensors and PLC modules. ---
    ✨ Follow-up Questions
    • ⤷ How does iCoupler technology compare to traditional optocouplers in terms of lifespan?
    • ⤷ What is the typical efficiency rating for a flyback converter using the ADP1074?
    • ⤷ Can the ADP1074 be used in non-isolated topologies?