データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP124ACPZ-2.9-R7

  • AI
    ## ADP124ACPZ-2.9-R7 Technical Overview The **ADP124ACPZ-2.9-R7** is a high-performance, low quiescent current, linear regulator (LDO) manufactured by Analog Devices. It is specifically designed for portable and wireless applications where battery life and space are critical. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Output Voltage** | 2.9V (Fixed) | | **Input Voltage Range** | 2.3V to 5.5V | | **Maximum Output Current** | 500 mA | | **Quiescent Current (Low Load)** | 7 µA (Typical) | | **Dropout Voltage** | 130 mV @ 500 mA load | | **PSRR (Power Supply Rejection Ratio)** | 60 dB at 100 kHz | | **Package Type** | 8-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Functional Electronic Components The internal circuitry of the ADP124 consists of several critical sub-systems that ensure stability and protection: 1. **Internal Reference Voltage:** A high-precision bandgap reference that ensures the 2.9V output remains stable over temperature and input fluctuations. 2. **Error Amplifier:** Compares the feedback from the output to the reference voltage, driving the pass transistor to maintain the regulated output. 3. **PMOS Pass Transistor:** Unlike bipolar regulators, this LDO uses a PMOS pass element, allowing for a very low dropout voltage and low ground current. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current output to prevent damage during a fault. --- ### 3. Application Circuit Example To operate correctly, the ADP124 requires minimal external components, primarily input and output capacitors for stability. ```c // Typical Pin Configuration (8-Lead LFCSP) [ VIN ] ----> Input Voltage (2.3V - 5.5V) [ VOUT ] ----> 2.9V Stabilized Output [ EN ] ----> Enable Pin (High = ON, Low = OFF) [ GND ] ----> Ground [ NC ] ----> No Internal Connection ``` --- ### 4. Advantages for Design * **Low Noise:** Suitable for noise-sensitive analog circuits (sensors, RF). * **Efficiency:** The low quiescent current (7 µA) significantly extends battery life in standby modes. * **Small Footprint:** The LFCSP package is ideal for space-constrained PCB designs like smartphones or wearables.
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor values for the input and output of this LDO?
    • ⤷ How does the 'Enable' pin function in power sequencing?
    • ⤷ What is the thermal resistance rating for the 8-lead LFCSP package?