データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP150ACBZ-3.0-R7

  • AI
    The **ADP150ACBZ-3.0-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for noise-sensitive applications where space and power efficiency are critical. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.0 V (Fixed) | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Maximum Output Current** | 150 mA | | **Dropout Voltage** | 105 mV (at 150 mA load) | | **Quiescent Current (No Load)** | 10 µA | | **Shutdown Current** | < 1 µA | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Features and Benefits * **Ultra-Low Noise:** It produces only **9 µV rms** of output noise, making it ideal for powering sensitive analog components like ADCs, DACs, and RF amplifiers. * **Compact Form Factor:** The "CBZ" suffix indicates a **WLCSP (Wafer Level Chip Scale Package)**. It features a 4-bump grid (0.76 mm × 0.76 mm), which occupies minimal PCB real estate. * **Stability:** It is stable with tiny 1 µF ceramic input and output capacitors. * **Protection Circuitry:** Includes internal thermal overload protection and short-circuit protection to prevent damage during fault conditions. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying specific variants: | Part Segment | Meaning | | :--- | :--- | | **ADP150** | Base model number (Ultra-low noise LDO) | | **ACBZ** | Package type: WLCSP (Wafer Level Chip Scale Package) | | **3.0** | Fixed output voltage (3.0 Volts) | | **R7** | Tape and Reel packaging (7-inch reel) | --- ## 4. Typical Application Circuit The circuit for the ADP150 is straightforward, requiring only two external components. ```text Input (2.2V - 5.5V) ----[Cin: 1uF]---- (VIN Pin) | [ADP150-3.0] -- (VOUT Pin) ---- Output (3.0V) | | (Enable Signal) -------------------- (EN Pin) [Cout: 1uF] | | (GND) -------------- (GND) ``` --- ## 5. Ideal Use Cases 1. **Mobile Phones:** Powering camera modules and audio circuits. 2. **RF Applications:** Low noise floor is essential for VCOs and Phase Locked Loops (PLLs). 3. **Portable Medical Equipment:** Where battery life (low quiescent current) and precision are required. 4. **Wearables:** Due to its extremely small physical footprint.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP150 and ADP151 series?
    • ⤷ How does the dropout voltage affect the efficiency of this LDO?
    • ⤷ Can this part be used with tantalum capacitors instead of ceramic?