データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP151ACBZ-2.1-R7

  • AI
    ## Technical Overview: ADP151ACBZ-2.1-R7 The **ADP151ACBZ-2.1-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator. It is specifically designed to provide a stable 2.1V output for noise-sensitive analog and mixed-signal circuits, particularly in space-constrained mobile and portable applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Output Voltage (Fixed)** | 2.1 V | | **Maximum Output Current** | 200 mA | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Dropout Voltage** | 140 mV (at 200 mA load) | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz | | **Output Noise** | 9 µV rms (10 Hz to 100 kHz) | | **Quiescent Current (Low Load)** | 10 µA | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Core Features and Benefits * **Ultra-Low Noise:** At only 9 µV rms, it is ideal for powering RF components, VCOs (Voltage Controlled Oscillators), and sensitive imaging sensors without requiring additional filters. * **Low Quiescent Current:** It draws very little power when the load is light, which significantly extends battery life in portable electronics. * **High PSRR:** It effectively filters out ripples and noise coming from the input power source (like a switching DC-DC converter). * **Stability:** It is stable with tiny 1 µF ceramic input and output capacitors, reducing the overall PCB footprint. * **Safety Protections:** * **Current-Limit Protection:** Prevents damage during short circuits. * **Thermal Overload Protection:** Shuts down the device if it overheats. --- ### 3. Pin Configuration (WLCSP) The device uses a very small 4-ball grid arrangement: | Ball | Symbol | Description | | :--- | :--- | :--- | | **A1** | **VIN** | Regulator Input Supply | | **A2** | **VOUT** | Regulated Output Voltage | | **B1** | **EN** | Enable Input (High = On, Low = Off) | | **B2** | **GND** | Ground | --- ### 4. Typical Application Example ```python # Conceptual Circuit Setup # Input: 3.3V Li-ion Battery or System Rail # Output: 2.1V Clean Rail for Analog Sensor Circuit = { "Input_Capacitor": "1uF Ceramic (C0603 or smaller)", "LDO_Part": "ADP151ACBZ-2.1-R7", "Output_Capacitor": "1uF Ceramic (Low ESR)", "Enable_Pin": "Connected to MCU GPIO for Power Sequencing" } ``` --- ### 5. Part Number Breakdown: `ADP151ACBZ-2.1-R7` * **ADP151:** Series model (Ultralow noise LDO). * **A:** Operating temperature range (-40°C to +125°C). * **CBZ:** Package code for WLCSP (Lead-free). * **2.1:** Fixed output voltage of 2.1V. * **R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷What are the main competitors to the ADP151 series for low-noise applications?
    • ⤷ Can the ADP151 handle input voltages higher than 5.5V?
    • ⤷ How does the dropout voltage affect efficiency in battery-powered devices?