データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP151ACPZ-2.8-R7

  • AI
    The **ADP151ACPZ-2.8-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide stable power to noise-sensitive analog and mixed-signal circuits. --- ## 1. Core Specifications The following table summarizes the primary electrical characteristics of the ADP151ACPZ-2.8-R7: | Feature | Specification | | :--- | :--- | | **Output Voltage** | 2.8V (Fixed) | | **Input Voltage Range** | 2.2V to 5.5V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | 140 mV (at 200 mA load) | | **Quiescent Current** | 10 $\mu$A (No load), 265 $\mu$A (Full load) | | **Output Noise** | 9 $\mu$V rms (10 Hz to 100 kHz) | | **PSRR** | 70 dB at 10 kHz | | **Package Type** | 6-Lead LFCSP (2mm x 2mm) | --- ## 2. Key Internal Components & Features ### A. Low-Noise Architecture The internal circuitry uses a proprietary architecture that achieves ultra-low noise performance without the need for an external bypass capacitor. This saves PCB space and reduces costs. ### B. Precision Reference and Error Amp The device contains a high-precision internal bandgap reference and an error amplifier that monitors the output voltage against the reference to maintain a steady 2.8V output regardless of load changes. ### C. Protection Circuitry The IC integrates several safety mechanisms: * **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safe limits (approx. 150°C). * **Short-Circuit Protection:** Limits the current if the output is shorted to ground, preventing damage to the regulator and the PCB traces. * **Under-Voltage Lockout (UVLO):** Ensures the device stays off until the input voltage is high enough for stable operation. --- ## 3. Application Circuit Example A typical implementation requires only two small ceramic capacitors (Input and Output) for stability. ```text Input (2.2V - 5.5V) ----[ C1: 1uF ]----( VIN ) ( EN ) ---- Connect to VIN to Enable ( VOUT) ----[ C2: 1uF ]---- Output (2.8V) ( GND ) ------------------- Ground ``` --- ## 4. Usage Context Due to its low noise floor (9 $\mu$V) and high Power Supply Rejection Ratio (PSRR), this part is commonly found in: 1. **Mobile Phones:** Powering RF transceivers and camera sensors. 2. **Medical Equipment:** High-precision data converters. 3. **Audio Systems:** High-fidelity DACs and ADCs. 4. **Sensors:** Powering MEMS and specialized analog sensors that require ultra-clean power rails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADP151 and the ADP150 series?
    • ⤷Can this LDO be used with a 5V input to drive a 2.8V load without overheating?
    • ⤷Are there adjustable versions of the ADP151 available?