データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1611ARMZ-R7

  • AI
    ## Technical Overview: ADP1611ARMZ-R7 The **ADP1611ARMZ-R7** is a high-efficiency, step-up (boost) DC-DC switching converter manufactured by Analog Devices. It is designed to convert lower input voltages into higher output voltages, making it ideal for battery-powered electronics and portable displays. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Voltage Range** | Adjustable up to 20V | | **Switching Frequency** | Pin-selectable: 600 kHz or 1.2 MHz | | **Switch Current Limit** | 1.2 A (Minimum) | | **Package Type** | MSOP-8 (8-lead Mini Small Outline Package) | | **Efficiency** | Up to 90% | | **Operating Temperature** | −40°C to +85°C | --- ### 2. Functional Features The ADP1611 is a current-mode, pulse-width modulation (PWM) regulator. Its internal architecture includes several critical components: * **Internal Power Switch:** Integrated N-channel MOSFET rated for 1.23 A. * **Adjustable Frequency:** The `FREQ` pin allows the user to choose between high efficiency (600 kHz) or smaller external component size (1.2 MHz). * **Soft Start:** Includes internal circuitry to prevent high inrush current during startup. * **Shutdown Mode:** A logic-level input reduces the quiescent current to less than 1 µA, preserving battery life when the device is inactive. --- ### 3. Application Circuit Components To function correctly, the ADP1611 requires a few external "electronic parts": 1. **Inductor (L):** Stores energy during the "on" cycle. Typically 4.7 µH to 22 µH. 2. **Schottky Diode (D):** Prevents backflow and completes the circuit during the "off" cycle. 3. **Input/Output Capacitors (C):** Ceramic capacitors (X5R or X7R) are recommended to filter noise and stabilize voltage. 4. **Resistor Divider ($R_1, R_2$):** Connected to the Feedback (FB) pin to set the specific target output voltage. --- ### 4. Common Use Cases * **TFT LCD Bias Supplies:** Providing the high voltage needed for display panels. * **Portable Equipment:** Handheld instruments and GPS devices. * **Battery-Powered Devices:** Boosting single-cell Li-Ion (3.7V) to 5V, 12V, or higher.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific output voltage on the ADP1611?
    • ⤷ What are the trade-offs between choosing 600 kHz vs 1.2 MHz switching frequency?
    • ⤷ Can you provide a basic schematic layout for this boost converter?