データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1613ARMZ-R7

  • AI
    The **ADP1613ARMZ-R7** is a high-efficiency, step-up (boost) DC-to-DC switching converter manufactured by Analog Devices. It is widely used in battery-powered electronics to step up low voltages to higher levels for components like LCD displays or sensor interfaces. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Topology** | Boost (Step-Up) | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Voltage Range** | Adjustable up to 20V | | **Switching Frequency** | Pin-selectable (650 kHz or 1.3 MHz) | | **Max Output Current** | ~2.0A (Internal Switch) | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Components The internal architecture of the ADP1613 consists of several critical electronic sub-circuits: 1. **Power Switch (NFET):** An integrated low-side N-channel MOSFET that handles the high-current switching to build energy in the external inductor. 2. **Error Amplifier:** Compares the feedback voltage from the output (via a resistor divider) to an internal 1.235V reference to maintain voltage stability. 3. **PWM Controller:** Uses Current Mode Control for fast transient response and easy loop stabilization. 4. **Soft Start Circuit:** Prevents high inrush currents during startup, protecting both the IC and the battery. 5. **Frequency Select Pin (FREQ):** Allows the user to toggle between 650 kHz (higher efficiency) and 1.3 MHz (smaller inductor/capacitor size). --- ### 3. Required External Components To function as a complete power supply, the ADP1613 requires a few passive electronic parts: * **Inductor ($L$):** Stores energy during the "on" cycle. Typically 4.7µH to 22µH. * **Schottky Diode:** Essential for rectifying the current when the internal switch is off. * **Input/Output Capacitors:** Ceramic capacitors ($C_{IN}$ and $C_{OUT}$) to filter noise and stabilize the voltage. * **Resistor Divider ($R_1, R_2$):** Connected to the FB (Feedback) pin to set the specific target output voltage. --- ### 4. Application Use Cases * **TFT LCD Bias Supplies:** Providing the 10V–15V required for display panels. * **Portable Medical Devices:** Stepping up Li-ion battery voltage (3.7V) to 5V or 12V. * **DSL Modems:** Local rail generation from a 5V input.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What is the benefit of choosing the 1.3 MHz switching frequency over 650 kHz?
    • ⤷ Does this IC include over-temperature or short-circuit protection?