データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1649ACBZ-R7

  • AI
    ## Technical Overview of ADP1649ACBZ-R7 The **ADP1649ACBZ-R7** is a high-efficiency, dual-channel LED flash driver specifically designed for high-resolution camera phones and mobile devices. It is manufactured by **Analog Devices (ADI)** and integrates a boost converter with programmable current sources. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Output Current** | Up to 1000 mA per channel (Total 2000 mA) | | **Switching Frequency** | 2 MHz | | **Interface** | I2C-compatible | | **Efficiency** | Up to 90% | | **Package** | 12-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Functional Electronic Components The device integrates several critical sub-systems within its silicon architecture to manage high-current LED driving: #### A. Synchronous Boost Converter The core of the ADP1649 is a 2 MHz step-up converter. It increases the battery voltage (typically 3.7V) to a level high enough to overcome the forward voltage drop ($V_f$) of high-power LEDs while maintaining high efficiency to preserve battery life. #### B. Programmable Current Regulators It features two independent current sinks. Through the I2C interface, developers can precisely control: * **Flash Mode:** High-intensity bursts for photography. * **Torch Mode:** Lower-intensity continuous light for video recording or flashlight use. #### C. Control Interface (I2C) The I2C bus allows for software-defined configurations, including: * Flash current levels (in discrete steps). * Safety timer durations (to prevent LED overheating). * Thermal management thresholds. --- ### 3. Safety and Protection Features To prevent damage to the mobile device and the LEDs, the ADP1649 includes several hardware-level protections: * **TxMASK (Transmitter Mask):** Reduces flash current during a Power Amplifier (PA) pulse in cellular transmissions to prevent battery "brown-outs." * **Overvoltage Protection (OVP):** Protects the chip if an LED becomes an open circuit. * **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safe limits. * **Short-Circuit Protection:** Detects if an LED is shorted to ground. --- ### 4. Typical Application Circuit When designing with this part, external components are required: ```markdown 1. Inductor (L1): Typically 1.0 µH to 2.2 µH for the boost stage. 2. Input Capacitor (C1): 4.7 µF to stabilize the supply. 3. Output Capacitor (C2): 10 µF to smooth the LED current. 4. I2C Pull-ups: Standard resistors for the SDA and SCL lines. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a WLCSP package for this driver?
    • ⤷ How does the TxMASK feature help in managing battery peak currents?
    • ⤷ What is the maximum I2C bus speed supported by the ADP1649?