データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1650ACBZ-R7

  • AI
    The **ADP1650ACBZ-R7** is a high-efficiency, compact, and highly integrated step-up DC-DC converter designed specifically to drive high-power LEDs, primarily for flash and torch applications in mobile devices. Below is a detailed breakdown of its electronic specifications and features. --- ## 1. Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Function** | Flash LED Driver / Boost Converter | | **Input Voltage Range** | 2.7V to 5.5V | | **Max Flash Current** | 1500 mA (1.5A) | | **Switching Frequency** | 2.0 MHz | | **Efficiency** | Up to 90% | | **Interface** | I²C Compatible (up to 3.4 Mbps) | | **Package** | 12-ball WLCSP (1.5mm x 2.0mm) | --- ## 2. Key Internal Components & Features ### A. Synchronous Boost Topology Unlike standard boost converters, the ADP1650 uses synchronous rectification. This means it replaces the external Schottky diode with an internal MOSFET to reduce power loss and heat, allowing for the small 12-ball package. ### B. Programmable Controls The device is fully programmable via the **I²C interface**, allowing the system processor to control: * **Flash Current:** Precise settings for high-intensity bursts. * **Torch Current:** Lower intensity for video recording or flashlight use. * **Timer Duration:** Limits how long the flash stays on to prevent overheating. ### C. Safety and Protection Circuits To protect the LED and the mobile device battery, the ADP1650 includes: 1. **Tx Masking:** Reduces flash current instantly when the Power Amplifier (PA) of the phone's modem transmits, preventing battery voltage dips (brownouts). 2. **Thermal Management:** Internal temperature sensor and foldback mechanism. 3. **Short Circuit Protection:** Detects if the LED output is grounded. 4. **Overvoltage Protection:** Protects the internal MOSFETs if the LED becomes an open circuit. --- ## 3. Pinout Configuration (Summary) | Ball Name | Function | | :--- | :--- | | **VIN** | Input Power (usually from Li-Ion Battery) | | **SW** | Switching Node (connected to the inductor) | | **VOUT** | Output voltage to the LED Anode | | **FB/LED** | Current sense and feedback for the LED Cathode | | **SCL/SDA** | I²C Serial Clock and Data lines | | **EN/STROBE** | Hardware trigger for the flash event | | **GND** | System Ground | --- ## 4. Typical Application Circuit ```mermaid graph LR Battery[Li-Ion Battery 3.7V] --> L1[Inductor] L1 --> SW[ADP1650 SW Pin] SW --> LED_Anode[High Power LED] LED_Anode --> FB[ADP1650 FB Pin] FB --> GND[Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this chip?
    • ⤷ How does the Tx Masking feature prioritize battery life during a call?
    • ⤷ Can the ADP1650 drive multiple LEDs in series or parallel?