データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1660ACBZ-R7

  • AI
    ## Detailed Technical Overview: ADP1660ACBZ-R7 The **ADP1660ACBZ-R7** is a high-efficiency, dual-channel, white LED flash driver specifically designed for high-resolution camera phones and mobile devices. It is manufactured by **Analog Devices**. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Topology** | Synchronous Boost (Step-up) | | **Input Voltage Range** | 2.7V to 5.5V | | **Output Current** | Up to 750 mA per LED (1500 mA total) | | **Switching Frequency** | 2 MHz | | **Efficiency** | Up to 92% | | **Package** | 12-ball WLCSP (Wafer Level Chip Scale Package) | | **Interface** | I²C-compatible serial interface | --- ### 2. Functional Components The internal architecture of the ADP1660 consists of several critical stages: 1. **Boost Converter:** Increases the battery voltage (typically 3.7V) to a level sufficient to drive the forward voltage ($V_f$) of two high-power LEDs in parallel. 2. **Current Regulators:** Integrated high-side current sinks ensure that the current flowing through each LED is precise, preventing brightness mismatch. 3. **Control Logic (I²C):** Allows the host processor to set parameters such as: * Flash current levels. * Torch (flashlight) current levels. * Flash timeout duration. 4. **Safety & Protection:** Includes hardware and software mechanisms to prevent hardware damage: * **Overvoltage Protection (OVP):** Prevents output spikes if an LED disconnects. * **Thermal Management:** Throttles current if the chip gets too hot. * **Tx-Mask Function:** Reduces LED current during high battery load (e.g., during a GSM power pulse) to prevent system brownout. --- ### 3. Operational Modes The device operates in three primary modes controlled via the I²C registers: * **Standby Mode:** Minimal power consumption (less than 1 µA). * **Torch Mode:** Continuous, low-current output for video recording or flashlight use. * **Flash Mode:** High-current, short-duration pulse for still photography. --- ### 4. Typical Application Circuit The circuit requires minimal external components due to the high integration of the chip. ```mermaid graph LR Vin[Battery 3.7V] --> L1[Inductor 1.0uH] L1 --> ADP1660 Cin[Input Cap] --- Vin ADP1660 --> LED1[White LED 1] ADP1660 --> LED2[White LED 2] ADP1660 --> I2C[Processor Control] Cout[Output Cap] --- ADP1660 ``` --- ### 5. Benefits for Mobile Design * **Small Footprint:** The WLCSP package is extremely small (approx. 1.6mm x 1.3mm), saving PCB space. * **High Efficiency:** Extends battery life by minimizing heat dissipation during flash events. * **Independent Control:** Each LED can often be configured or monitored to ensure uniform light output.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this chip?
    • ⤷ How does the Tx-Mask function protect the mobile phone battery?
    • ⤷ Can the ADP1660 be used to drive a single LED instead of two?