データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP166ACBZ-3.3-R7

  • AI
    ### ADP166ACBZ-3.3-R7 Technical Overview The **ADP166ACBZ-3.3-R7** is a ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically engineered for power-sensitive, battery-operated applications where extending battery life is the primary concern. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 3.3 V (Fixed) | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Max Output Current** | 150 mA | | **Quiescent Current ($I_q$)** | 630 nA (No Load) | | **Dropout Voltage** | 120 mV @ 150 mA | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Components and Features #### 1. Ultra-Low Quiescent Current The standout feature of this part is its **630 nA** quiescent current. This allows the device to remain active with negligible power consumption, making it ideal for "Always-On" circuits in IoT devices. #### 2. Dropout Characteristics With a dropout voltage of only **120 mV** at full load, the regulator can maintain a stable 3.3V output even as the battery voltage drops very close to the output target. #### 3. Protection Circuitry The chip integrates several internal safety mechanisms: * **Overcurrent Protection:** Prevents damage during short-circuit conditions. * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Under Voltage Lockout (UVLO):** Ensures the device doesn't operate erratically when the input voltage is too low. #### 4. Packaging (WLCSP) The **ACBZ** suffix denotes the WLCSP package. This is a tiny, 4-ball footprint (approx. 0.97 mm × 0.97 mm) that saves significant PCB real estate but requires precise SMT (Surface Mount Technology) assembly. --- ### Typical Application Circuit To operate stably, the ADP166 requires minimal external components: ```markdown Vin ----[C1: 1uF]----| ADP166 |----[C2: 1uF]---- Vout (3.3V) | 3.3V | GND -----------------|________|----------------- GND ``` * **C1 (Input Capacitor):** Helps reduce input noise. * **C2 (Output Capacitor):** Essential for phase margin stability; typically a 1 μF ceramic capacitor is sufficient. --- ### Applications * **Wearables:** Smartwatches and fitness trackers. * **Remote Sensors:** Low-power Zigbee or LoRa nodes. * **Portable Medical Equipment:** Heart rate monitors or glucose meters. * **Battery Backup Systems:** Maintaining memory or RTC (Real Time Clock) power.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ADP166 and the ADP160 series?
    • ⤷ Can this regulator handle input voltages higher than 5.5V?
    • ⤷ What is the significance of the -R7 suffix in the part number?