データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1715ARMZ-R7

  • AI
    ### Overview: ADP1715ARMZ-R7 The **ADP1715ARMZ-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to operate with a wide input voltage range and provide stable power with minimal noise, making it ideal for sensitive electronic circuits. --- ### Technical Specifications The following table summarizes the primary electrical characteristics of the ADP1715ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Output Current** | Up to 500 mA | | **Dropout Voltage** | 150 mV (typical at 500 mA load) | | **Output Type** | Adjustable (via external resistors) | | **Accuracy** | ±1% at room temperature | | **Package** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features and Functionality 1. **Soft Start (SS) Capability:** The "1715" variant includes a dedicated soft-start pin. By connecting an external capacitor, you can control the ramp-up time of the output voltage, which prevents large inrush currents that could damage downstream components. 2. **Excellent PSRR:** It features a high Power Supply Rejection Ratio (PSRR), which effectively filters out noise from the input power supply, ensuring a "clean" DC output for analog-to-digital converters (ADCs) or RF components. 3. **Low Quiescent Current:** Even under load, the device maintains a low ground current, which helps in extending battery life in portable applications. 4. **Stable with Ceramic Capacitors:** The internal compensation is optimized for use with small, low-ESR ceramic output capacitors (minimum 2.2 µF). --- ### Pin Configuration Summary | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **IN** | Regulator Input Supply | | 2 | **GND** | Ground | | 3 | **OUT** | Regulated Output Voltage | | 4 | **ADJ** | Adjust Pin (for setting output voltage) | | 5 | **EN** | Enable Input (High = On, Low = Off) | | 6 | **SS** | Soft Start Pin (Connect capacitor to GND) | | 7, 8 | **NC** | No Internal Connection | --- ### Typical Application Circuit To set the output voltage ($V_{OUT}$), an external resistor divider is used on the ADJ pin: ```text V_OUT = 0.8V * (1 + R1 / R2) ``` Where: * **R1** is connected between OUT and ADJ. * **R2** is connected between ADJ and GND.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific capacitor value for a 10ms soft-start time?
    • ⤷ What are the main differences between the ADP1715 and the ADP1712?
    • ⤷ Can this regulator be used for automotive grade applications?