データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1720ARMZ-R7

  • AI
    The **ADP1720ARMZ-R7** is a high-voltage, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable output voltage from a wide input range, making it ideal for industrial and automotive applications. --- ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the ADP1720ARMZ-R7: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.0 V to 28 V | | **Output Current** | Up to 50 mA | | **Output Voltage Options** | Fixed (3.3V or 5V) or Adjustable (1.225V to 5V) | | **Dropout Voltage** | 350 mV @ 50 mA | | **Quiescent Current** | 38 µA (at no load) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-lead MSOP (Mini Small Outline Package) | --- ## 2. Pin Configuration The 8-lead MSOP package provides the following pin functions: 1. **VIN**: Regulator Input Supply. 2. **GND**: Ground Reference. 3. **VOUT**: Regulated Output Voltage. 4. **ADJ/NC**: Adjust pin for the adjustable version; No Connect for fixed versions. 5. **EN**: Enable Input (Drive High to turn on, Low to turn off). 6. **SS**: Soft Start (Connect a capacitor to control startup time). 7. **NC**: No Internal Connection. 8. **NC**: No Internal Connection. --- ## 3. Key Features and Benefits * **High Input Voltage:** Unlike many LDOs that cap at 5.5V or 12V, this part handles up to 28V, allowing it to be used in systems with 24V rails. * **Low Quiescent Current:** Drawing only 38 µA, it is highly efficient for "always-on" standby circuits. * **Soft Start Feature:** By adding a capacitor to the SS pin, users can limit inrush current during power-up, protecting sensitive downstream components. * **Stability:** It is stable with small 1 µF ceramic output capacitors, reducing PCB footprint and cost. --- ## 4. Typical Application Circuit To use the ADP1720 in an adjustable configuration, you would use a resistor divider network: ```python # Feedback formula for Adjustable Version: # Vout = 1.225V * (1 + R1 / R2) # Standard components: # Cin = 1uF (Ceramic) # Cout = 1uF (Ceramic) # Css = 10nF (Optional for Soft Start) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADP1720 and the ADP1720ARMZ-5.0-R7?
    • ⤷ How do I calculate the thermal dissipation for this MSOP package?
    • ⤷ What are the recommended values for the soft-start capacitor?