データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1741ACPZ-R7

  • AI
    The **ADP1741ACPZ-R7** is a high-performance, low dropout (LDO) CMOS linear regulator manufactured by Analog Devices. It is designed to provide high output current with low noise and high power supply rejection ratio (PSRR), making it ideal for noise-sensitive high-speed digital circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.6 V to 3.6 V | | **Maximum Output Current** | 2.0 Amperes (2A) | | **Output Type** | Adjustable (0.75 V to 3.3 V) | | **Dropout Voltage** | ~160 mV @ 2A load | | **Package / Case** | 16-LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Core Functional Components The ADP1741 features several internal electronic subsections that ensure stability and protection: * **Soft Start Function:** It utilizes an external capacitor on the SS pin to control the output voltage ramp-up time. This reduces "inrush current" which could otherwise damage the power source or cause system glitches. * **Power Good (PWRGD):** An open-drain output that signals when the output voltage is within 90% of its nominal value. * **Precision Enable (EN):** A logic-level input that allows the chip to be turned on or off. It has a high-precision threshold, allowing it to be used as a programmable UVLO (Under Voltage Lockout). * **Tracking Mode:** It includes a dedicated `TRK` pin that allows the output voltage to follow (track) another voltage rail, which is critical for FPGA core and I/O sequencing. --- ### 3. Protection Circuitry To ensure reliability in industrial and communications environments, the IC includes: 1. **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds 150°C. 2. **Short-Circuit Protection:** Limits the current if the output is accidentally grounded. 3. **Reverse Current Protection:** Prevents current from flowing back from the output to the input when the input voltage drops below the output voltage. --- ### 4. Typical Application Circuit When designing with the ADP1741, the following external components are standard: ```mermaid graph LR Vin(Input Voltage) -->|Cin 4.7uF| ADP[ADP1741 IC] ADP -->|Cout 4.7uF| Vout(Output Voltage) ADP --- Adj(Resistor Divider) ADP --- SS(Soft Start Cap) ``` ### 5. Part Number Breakdown * **ADP1741:** The base model number (2A LDO family). * **ACPZ:** Indicates the package type (LFCSP) and RoHS compliance (Lead-free). * **R7:** Denotes the packaging format (7-inch Tape and Reel, typically 1,500 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended resistor values for setting the output to 1.8V?
    • ⤷ How does the Soft Start capacitor value affect the startup time?
    • ⤷ What are the primary differences between the ADP1741 and the ADP1740?