データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1753ACPZ-R7

  • AI
    ## ADP1753ACPZ-R7: Low Dropout (LDO) Linear Regulator The **ADP1753ACPZ-R7** is a high-performance, low dropout linear regulator manufactured by **Analog Devices**. It is specifically designed to operate from very low input voltages and provide a high output current with excellent transient response. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.6 V to 3.6 V | | **Output Current** | Up to 800 mA | | **Dropout Voltage** | 80 mV (typical at 800 mA load) | | **Output Voltage Range** | Adjustable (0.75 V to 3.3 V) | | **Accuracy** | ±1.5% over line, load, and temperature | | **Package** | 16-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Parts The internal architecture of the ADP1753 consists of several critical electronic stages: #### A. Power Pass Element It utilizes a high-current **NMOS pass transistor**. Unlike PMOS-based LDOs, the NMOS architecture allows for a very low dropout voltage and maintains stability even when the input and output voltages are very close. #### B. Error Amplifier This component compares the internal reference voltage with the feedback voltage from the output. It adjusts the gate of the pass transistor to ensure the output remains constant regardless of load fluctuations. #### C. Soft Start (SS) Circuit The `SS` pin allows the connection of an external capacitor. This controls the "ramp-up" speed of the output voltage during power-on, reducing inrush current that could potentially damage sensitive downstream components. #### D. Precision Enable (EN) The enable pin has a precise threshold. This allows the chip to be turned on/off by logic signals or to be used as a simple voltage supervisor/sequencer. #### E. Thermal and Current Protection * **Thermal Shutdown (TSD):** Turns off the device if the junction temperature exceeds 150°C. * **Short-Circuit Protection:** Limits the current to prevent the device from burning out during a fault condition. --- ### 3. Application Use Cases Due to its high current and low input voltage capability, it is frequently used in: 1. **Server and Storage:** Powering high-speed I/O rails. 2. **FPGA/DSP Power:** Providing clean, low-noise power to core or auxiliary rails. 3. **Medical Imaging:** Where low noise is critical for signal integrity. 4. **Networking Equipment:** For line cards and optical modules. --- ### 4. Typical Application Circuit ```mermaid graph LR Vin[Input 1.6V-3.6V] --> ADP1753 ADP1753 --> Vout[Regulated Output] Adj_Pin --> Resistor_Divider Resistor_Divider --> GND ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the external resistor values for a specific output voltage?
    • ⤷ What is the recommended capacitor type for the input and output pins?
    • ⤷ How does the Soft Start feature help in FPGA power sequencing?