データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP175ARMZ-1.5-R7

  • AI
    The **ADP175ARMZ-1.5-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 1.5V output from a higher input voltage, characterized by its high output current capability and low noise profile. --- ### ## Technical Specifications Below are the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 1.5 V | | **Input Voltage Range** | 1.6 V to 3.6 V | | **Maximum Output Current** | 1.2 A | | **Dropout Voltage (at 1.2A)** | 105 mV (Typical) | | **Quiescent Current (No Load)** | 23 μA | | **PSRR (at 1kHz)** | 56 dB | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### ### Key Features and Components 1. **Low Dropout (LDO):** The 105mV dropout allows the chip to maintain a 1.5V output even when the input voltage is as low as ~1.61V, improving efficiency and reducing heat. 2. **Enable (EN) Pin:** Allows the regulator to be turned on or off digitally, reducing current consumption to less than 1 μA in shutdown mode. 3. **Soft Start:** Includes internal circuitry to control the "inrush current" during startup, protecting the power source and the load. 4. **Reverse Current Protection:** Prevents current from flowing from the output back to the input if the input voltage drops below the output voltage. 5. **Thermal & Current Protection:** Includes thermal overload protection and short-circuit current limiting. --- ### ### Application Circuit Example A typical implementation requires minimal external components, primarily decoupling capacitors to ensure stability. ```markdown Vin (1.6V - 3.6V) ----[ C1: 4.7uF ]----( VIN Pin ) ( EN Pin )---- Logic High ( GND Pin )---- Ground Vout (1.5V) ----[ C2: 4.7uF ]----( VOUT Pin) ``` --- ### ### Usage Context The ADP175 series is commonly found in: * **Mobile Devices:** Due to low quiescent current and small MSOP footprint. * **Digital Core Power:** Supplying 1.5V to FPGAs, DSPs, and Microcontrollers. * **Post-Regulation:** Cleaning up the noisy output of a switching DC-DC converter.
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the MSOP package at 1.2A load?
    • ⤷ Can this regulator be used with an input voltage higher than 3.6V?
    • ⤷ What is the difference between the ADP175 and ADP174 series?