データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1870ARMZ-0.6-R7

  • AI
    The **ADP1870ARMZ-0.6-R7** is a high-performance, constant-on-time (COT), synchronous buck controller designed by Analog Devices. It is primarily used to step down higher input voltages to a lower output voltage with high efficiency. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADP1870 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.25 V to 20 V | | **Output Voltage (Vout)** | Adjustable (0.6 V and higher) | | **Fixed Vref** | 0.6 V (Internal Reference) | | **Architecture** | Constant On-Time (COT) | | **Operating Frequency** | 600 kHz (indicated by the "-0.6" suffix) | | **Package Type** | 10-lead MSOP (Mini Small Outline Package) | | **Operating Temperature** | −40°C to +125°C | --- ### 2. Core Functional Parts & Pins To understand how the component functions within a circuit, it is essential to look at its pinout and internal blocks: * **VREG (Internal Regulator):** Provides the gate drive power. Usually requires a bypass capacitor. * **BST (Boost Pin):** Used to drive the high-side N-channel MOSFET. It requires a bootstrap capacitor. * **SW (Switching Node):** Connects to the junction of the two MOSFETs and the inductor. * **FB (Feedback):** The sense pin that compares the output voltage against the internal 0.6V reference. * **COMP (Compensation):** While COT controllers are inherently stable, this pin allows for fine-tuning the loop response to prevent jitter. --- ### 3. Part Number Breakdown The suffixing in the part number provides specific manufacturing and performance data: 1. **ADP1870**: Base model (Synchronous Buck Controller). 2. **ARMZ**: Package type (MSOP) and Lead-free/RoHS compliance. 3. **0.6**: Indicates the set frequency of **600 kHz**. (Other versions exist for 300 kHz and 1 MHz). 4. **R7**: Indicates the packaging format (7-inch Reel, typically containing 1,000 pieces). --- ### 4. Circuit Implementation Example Here is a conceptual representation of how this part is integrated into a DC-DC converter circuit: ```mermaid graph LR Vin(Vin 12V) --> High_MOSFET High_MOSFET --> SW[Switching Node] SW --> Inductor Inductor --> Vout(Vout 1.2V) ADP1870 -->|Gate Drive| High_MOSFET ADP1870 -->|Gate Drive| Low_MOSFET Vout -->|Feedback| ADP1870 ``` --- ### 5. Common Applications * **Telecom and Networking:** High-density power supplies for routers and switches. * **Industrial Power:** Point-of-Load (POL) regulation for PLCs and sensors. * **Computing:** Powering high-current rails in servers and base stations.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of a Constant On-Time (COT) architecture compared to PWM?
    • ⤷ How do I calculate the inductor value for an ADP1870 circuit?
    • ⤷ What is the difference between the ADP1870 and the ADP1871 versions?